Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67006-A9171 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # Q67006-A9171
Description  Dynamic Differential Hall Effect Sensor IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67006-A9171 Datasheet(HTML) 4 Page - Infineon Technologies AG

  Q67006-A9171 Datasheet HTML 1Page - Infineon Technologies AG Q67006-A9171 Datasheet HTML 2Page - Infineon Technologies AG Q67006-A9171 Datasheet HTML 3Page - Infineon Technologies AG Q67006-A9171 Datasheet HTML 4Page - Infineon Technologies AG Q67006-A9171 Datasheet HTML 5Page - Infineon Technologies AG Q67006-A9171 Datasheet HTML 6Page - Infineon Technologies AG Q67006-A9171 Datasheet HTML 7Page - Infineon Technologies AG Q67006-A9171 Datasheet HTML 8Page - Infineon Technologies AG Q67006-A9171 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TLE 4921-3U
Data Sheet
4
2000-07-01
Functional Description
The Differential Hall Sensor IC detects the motion and position of ferromagnetic and
permanent magnet structures by measuring the differential flux density of the magnetic
field. To detect ferromagnetic objects the magnetic field must be provided by a back
biasing permanent magnet (south or north pole of the magnet attached to the rear
unmarked side of the IC package).
Using an external capacitor the generated Hall voltage signal is slowly adjusted via an
active high pass filter with a low cut-off frequency. This causes the output to switch into
a biased mode after a time constant is elapsed. The time constant is determined by the
external capacitor. Filtering avoids aging and temperature influence from Schmitt-trigger
input and eliminates device and magnetic offset.
The TLE 4921-3U can be exploited to detect toothed wheel rotation in a rough
environment. Jolts against the toothed wheel and ripple have no influence on the output
signal.
Furthermore, the TLE 4921-3U can be operated in a two-wire as well as in a three-wire-
configuration.
The output is logic compatible by high/low levels regarding on and off.
Circuit Description (see Figure 2)
The TLE 4921-3U is comprised of a supply voltage reference, a pair of Hall probes
spaced at 2.5 mm, differential amplifier, filter for offset compensation, Schmitt trigger,
and an open collector output.
The TLE 4921-3U was designed to have a wide range of application parameter
variations. Differential fields up to
± 80 mT can be detected without influence to
the switching performance. The pre-induction field can either come from a
magnetic south or north pole, whereby the field strength up to 500 mT or more will
not influence the switching points. The improved temperature compensation
enables a superior sensitivity and accuracy over the temperature range. Finally
the
optimized
piezo
compensation
and
the
integrated
dynamic
offset
compensation enable easy manufacturing and elimination of magnet offsets.
Protection is provided at the input/supply (pin 1) for overvoltage and reverse polarity and
against overstress such as load dump, etc., in accordance with ISO-TR 7637 and
DIN 40839. The output (pin 2) is protected against voltage peaks and electrical
disturbances.


Similar Part No. - Q67006-A9171

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67006-A9173 SIEMENS-Q67006-A9173 Datasheet
222Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
More results

Similar Description - Q67006-A9171

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4923 INFINEON-TLE4923_05 Datasheet
616Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
V 1.0, April 2005
TLE4923 INFINEON-TLE4923 Datasheet
127Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4921-5U INFINEON-TLE4921-5U Datasheet
568Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
2002-08-02
TLE4921-5U INFINEON-TLE4921-5U_08 Datasheet
875Kb / 26P
   Dynamic Differential Hall Effect Sensor IC
V 1.1, January 2008
logo
Siemens Semiconductor G...
TLE4923 SIEMENS-TLE4923 Datasheet
157Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4924C-2E6547 INFINEON-TLE4924C-2E6547 Datasheet
150Kb / 7P
   Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
TLE4927C INFINEON-TLE4927C Datasheet
163Kb / 5P
   Dynamic Differential Hall Effect Sensor
Version 1.1
TLE4924C-1E6547 INFINEON-TLE4924C-1E6547 Datasheet
89Kb / 6P
   Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
logo
Melexis Microelectronic...
MLX90254 MELEXIS-MLX90254_12 Datasheet
215Kb / 10P
   Differential Dynamic Hall Effect Sensor
logo
Infineon Technologies A...
TLE4926C-HTNE6747 INFINEON-TLE4926C-HTNE6747 Datasheet
613Kb / 27P
   Dynamic Differential Hall Effect Sensor
April 2007 Version 3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com