Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A27020AL-70F Datasheet(PDF) 3 Page - AMIC Technology

Part # A27020AL-70F
Description  256K X 8 OTP CMOS EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A27020AL-70F Datasheet(HTML) 3 Page - AMIC Technology

  A27020AL-70F Datasheet HTML 1Page - AMIC Technology A27020AL-70F Datasheet HTML 2Page - AMIC Technology A27020AL-70F Datasheet HTML 3Page - AMIC Technology A27020AL-70F Datasheet HTML 4Page - AMIC Technology A27020AL-70F Datasheet HTML 5Page - AMIC Technology A27020AL-70F Datasheet HTML 6Page - AMIC Technology A27020AL-70F Datasheet HTML 7Page - AMIC Technology A27020AL-70F Datasheet HTML 8Page - AMIC Technology A27020AL-70F Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
A27020A Series
PRELIMINARY
(June, 2005, Version 0.1)
2
AMIC Technology, Corp.
Pin Configurations
Pin Name
Function
A0-A17
Address Inputs
I/O7-I/O0
Data Inputs / Outputs
CE
Chip Enable
OE
Output Enable
PGM
Program Strobe
VPP
Program Power Supply
VCC
Power Supply
GND
Ground
Operating Modes and Truth Table
Mode
CE
OE
PGM
A0
A1
A9
VPP
VCC
I/O7-I/O0
Read
VIL
VIL
X
X
X
X
VCC
VCC
Data Out
Output Disable
VIL
VIH
X
X
X
X
VCC
VCC
Hi-Z
Standby
VIH
X
X
X
X
X
VCC
VCC
Hi-Z
Program
VIL
VIH
VIL Pulse
X
X
X
12.25V
5.25V
Data In
Program Verify
VIL
VIL
VIH
X
X
X
12.25V
5.25V
Data Out
Program Inhibit
VIH
X
X
X
X
X
12.25V
5.25V
Hi-Z
Manufacturer Code
(3)
VIL
VIL
VIH
VIL
VIL
VID
VCC
VCC
37H
Device Code
(3)
VIL
VIL
VIH
VIH
VIL
VID
VCC
VCC
64H
Continuation Code
(3)
VIL
VIL
VIH
VIL
VIH
VID
VCC
VCC
7FH
Notes:
1. X = Either VIH or VIL.
2. VID = 12V
± 0.5V.
3. A2 ~ A8 = A10 ~ A17 = VIL (For auto identification)


Similar Part No. - A27020AL-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020-55 AMICC-A27020-55 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020-70 AMICC-A27020-70 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020L-55 AMICC-A27020L-55 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020L-70 AMICC-A27020L-70 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
More results

Similar Description - A27020AL-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308 AMICC-A278308 Datasheet
252Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308A AMICC-A278308A Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com