Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A278308AL-70 Datasheet(PDF) 9 Page - AMIC Technology

Part # A278308AL-70
Description  256K X 8 OTP CMOS EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A278308AL-70 Datasheet(HTML) 9 Page - AMIC Technology

Back Button A278308AL-70 Datasheet HTML 5Page - AMIC Technology A278308AL-70 Datasheet HTML 6Page - AMIC Technology A278308AL-70 Datasheet HTML 7Page - AMIC Technology A278308AL-70 Datasheet HTML 8Page - AMIC Technology A278308AL-70 Datasheet HTML 9Page - AMIC Technology A278308AL-70 Datasheet HTML 10Page - AMIC Technology A278308AL-70 Datasheet HTML 11Page - AMIC Technology A278308AL-70 Datasheet HTML 12Page - AMIC Technology A278308AL-70 Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
A278308A
(October, 2003, Version 1.0)
8
AMIC Technology, Corp.
Programming Mode AC Characteristics (Ta = 0°C to 70°C, VCC= 6.25V ± 0.25V, VPP = 12.75V ± 0.25V)
Symbol
Parameter
Min.
Max.
Unit
tAS
Address Valid to Program Low
2
µs
tDS
Input Valid to Program Low
2
µs
tVPS
VPP High to Program Low
2
µs
tVCS
VCC High to Program Low
2
µs
tCES
CE Low to Program Low
2
µs
tPW
Program Pulse Width
95
105
µs
tDH
Program High to Input transition
2
µs
tOES
Input Transition to OE Low
2
µs
tOE
OE Low to Output Valid
100
ns
tOHZ
OE High to Output Hi-Z
130
ns
tAH
OE High to Address Transition
0
ns


Similar Part No. - A278308AL-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A278308 AMICC-A278308 Datasheet
252Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308-70 AMICC-A278308-70 Datasheet
252Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308L-70 AMICC-A278308L-70 Datasheet
252Kb / 14P
   256K X 8 OTP CMOS EPROM
More results

Similar Description - A278308AL-70

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308 AMICC-A278308 Datasheet
252Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com