Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A82DL1624UG-70F Datasheet(PDF) 4 Page - AMIC Technology

Part # A82DL1624UG-70F
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A82DL1624UG-70F Datasheet(HTML) 4 Page - AMIC Technology

  A82DL1624UG-70F Datasheet HTML 1Page - AMIC Technology A82DL1624UG-70F Datasheet HTML 2Page - AMIC Technology A82DL1624UG-70F Datasheet HTML 3Page - AMIC Technology A82DL1624UG-70F Datasheet HTML 4Page - AMIC Technology A82DL1624UG-70F Datasheet HTML 5Page - AMIC Technology A82DL1624UG-70F Datasheet HTML 6Page - AMIC Technology A82DL1624UG-70F Datasheet HTML 7Page - AMIC Technology A82DL1624UG-70F Datasheet HTML 8Page - AMIC Technology A82DL1624UG-70F Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
A82DL16x4T(U) Series
PRELIMINARY
(August, 2005, Version 0.0)
3
AMIC Technology, Corp.
Pin Configurations
69-Ball TFBGA
Top View
A5
A6
A10
B3
B4
B5
B6
B7
B8
C3
C4
C5
C6
C7
C8
C9
D4
D4
D5
D6
D7
D8
D9
E3
E4
E7
E8
E9
E10
F3
F4
F7
F8
F9
F10
NC
NC
NC
A7
LB_S
WP/ACC
WE
A8
A11
A6
UB_S
RESET
CE2_S
A19
A12
A15
A5
A18
RY/BY
NC
A9
A13
NC
A4
A17
A10
A14
NC
NC
VSS
I/O1
I/O6
NC
A16
NC
Flash only
SRAM only
Shared
A1
B1
C2
D2
E1
E2
F1
F2
NC
NC
A3
A2
NC
A1
NC
A0
G3
G4
G5
G6
G7
G8
G9
H3
H4
H5
H6
H7
H8
H9
I/O9
I/O3
I/O4
I/O13
I/O15(A-1) BYTE_F
I/O0
I/O10
VCC_F
VCC_S
I/O12
I/O7
VSS
G2
H2
CE_F
OE
CE1_S
J3
J4
J5
J6
J7
J8
K5
K6
K10
I/O8
I/O2
I/O11
NC
I/O5
I/O14
NC
NC
NC
K1
NC
Special Handling Instructions for TFBGA Package
Special handling is required for Flash Memory products in TFBGA packages.
Flash memory devices in TFBGA packages may be damaged if exposed to ultrasonic cleaning methods. The package and/or
data integrity may be compromised if the package body is exposed to temperatures above 150°C for prolonged periods of time


Similar Part No. - A82DL1624UG-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL1622 AMICC-A82DL1622 Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70 AMICC-A82DL1622TG-70 Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70F AMICC-A82DL1622TG-70F Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70I AMICC-A82DL1622TG-70I Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70IF AMICC-A82DL1622TG-70IF Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
More results

Similar Description - A82DL1624UG-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL16X2T AMICC-A82DL16X2T Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com