Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F640SP Datasheet(PDF) 6 Page - Sharp Corporation

Part # LH28F640SP
Description  64Mbit (4Mbitx16/8Mbitx8) Page Flash Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F640SP Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LH28F640SP Datasheet HTML 2Page - Sharp Corporation LH28F640SP Datasheet HTML 3Page - Sharp Corporation LH28F640SP Datasheet HTML 4Page - Sharp Corporation LH28F640SP Datasheet HTML 5Page - Sharp Corporation LH28F640SP Datasheet HTML 6Page - Sharp Corporation LH28F640SP Datasheet HTML 7Page - Sharp Corporation LH28F640SP Datasheet HTML 8Page - Sharp Corporation LH28F640SP Datasheet HTML 9Page - Sharp Corporation LH28F640SP Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
LHF64P01
4
Table 1. Pin Descriptions
Symbol
Type
Name and Function
A0
INPUT
ADDRESS INPUTS: Lowest address input in byte mode (BYTE#=VIL : ×8 bit).
Address is internally latched during an erase or a program cycle. This pin is not used in
word mode (BYTE#=VIH : ×16 bit)
A22-A1
INPUT
ADDRESS INPUTS: Inputs for addresses during read, erase and program operations.
Addresses are internally latched during an erase or a program cycle.
DQ15-DQ0
INPUT/
OUTPUT
DATA INPUTS/OUTPUTS: Inputs data and commands during CUI (Command User
Interface) write cycles, outputs data during memory array, status register, query code,
identifier code reads. Data pins float to high-impedance (High Z) when the chip or
outputs are deselected. Data is internally latched during an erase or program cycle.
DQ15-DQ8 pins are not used in byte mode (BYTE#=VIL : ×8 bit).
CE0,
CE1,
CE2
INPUT
CHIP ENABLE: Activates the device’s control logic, input buffers, decoders and sense
amplifiers. When the device is de-selected, power consumption reduces to standby
levels. Refer to Table 2 to determine whether the device is selected or de-selected
depending on the state of CE0, CE1 and CE2.
RP#
INPUT
RESET: When low (VIL), RP# resets internal automation and inhibits erase and program
operations, which provides data protection. RP#-high (VIH) enables normal operation.
After power-up or reset mode, the device is automatically set to read array mode.
RP# must be low during power-up/down.
OE#
INPUT
OUTPUT ENABLE: Gates the device’s outputs during a read cycle.
WE#
INPUT
WRITE ENABLE: Controls writes to the CUI and array blocks. Addresses and data are
latched on the first edge of CE0, CE1 or CE2 that disables the device or the rising edge of
WE# (whichever occurs first).
STS
OPEN DRAIN
OUTPUT
STATUS: Indicates the status of the internal WSM (Write State Machine). When
configured in level mode (default mode), STS acts as a RY/BY# pin (STS is VOL when
the WSM is executing internal erase or program algorithms). When configured in one of
its pulse modes, STS can pulse to indicate erase/program completion. Refer to Table 9
for STS configuration.
BYTE#
INPUT
BYTE ENABLE: BYTE# VIL places the device in byte mode (×8). In this mode, DQ15-
DQ8 is floated (High Z) and A0 is the lowest address input. BYTE# VIH places the
device in word mode (
×16) and A
1 is the lowest address input.
VPEN
INPUT
MONITORING POWER SUPPLY VOLTAGE: VPEN is not used for power supply pin.
With VPEN≤VPENLK, block erase, (page buffer) program, block lock configuration and
OTP program cannot be executed and should not be attempted.
VCC
SUPPLY
DEVICE POWER SUPPLY (2.7V-3.6V): With VCC≤VLKO, all write attempts to the
flash memory are inhibited. Device operations at invalid VCC voltage (refer to DC
Characteristics) produce spurious results and should not be attempted.
VCCQ
SUPPLY
INPUT/OUTPUT POWER SUPPLY (2.7V-3.6V): Power supply for all input/output
pins.
GND
SUPPLY
GROUND: Do not float any ground pins.
NC
NO CONNECT: Lead is not internally connected; it may be driven or floated.
Rev. 0.06


Similar Part No. - LH28F640SP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F640BFHG-PBTLZ7 SHARP-LH28F640BFHG-PBTLZ7 Datasheet
755Kb / 36P
   64M (x16) Flash Memory
More results

Similar Description - LH28F640SP

ManufacturerPart #DatasheetDescription
logo
Winbond
W28F641B WINBOND-W28F641B Datasheet
1Mb / 31P
   64MBIT (4MBIT 횞 16) PAGE MODE DUAL WORK FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29XL12DF FUJITSU-MBM29XL12DF Datasheet
1Mb / 91P
   PAGE MODE FLASH MEMORY CMOS 128M BIT
logo
White Electronic Design...
W764M32V-XSBX WEDC-W764M32V-XSBX Datasheet
505Kb / 16P
   64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
logo
Infineon Technologies A...
S25FL064L INFINEON-S25FL064L Datasheet
2Mb / 146P
   IC FLASH 64MBIT SPI/QUAD 8USON
20190529
logo
Dialog Semiconductor
AT25PE20 DIALOG-AT25PE20 Datasheet
1Mb / 64P
   2-Mbit DataFlash-L Page Erase Serial Flash Memory
logo
SPANSION
MB84VP23481FK-70 SPANSION-MB84VP23481FK-70 Datasheet
889Kb / 67P
   64M (X16) Page FLASH MEMORY & 32M (X16) Mobile FCRAMTM
logo
Dialog Semiconductor
AT25PE16 DIALOG-AT25PE16 Datasheet
922Kb / 63P
   16-Mbit DataFlash-L Page Erase Serial Flash Memory
logo
Renesas Technology Corp
AT25PE20 RENESAS-AT25PE20 Datasheet
2Mb / 63P
   2-Mbit DataFlash-L Page Erase Serial Flash Memory
2/2022
logo
List of Unclassifed Man...
MX28F128J3 ETC1-MX28F128J3 Datasheet
35Kb / 6P
   128M [x8/x16] SINGLE 3V PAGE MODE FLASH MEMORY
logo
Dialog Semiconductor
AT25PE80 DIALOG-AT25PE80 Datasheet
1Mb / 63P
   8-Mbit DataFlash-L Page Erase Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com