Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4411 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4411
Description  80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4411 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4411 Datasheet HTML 3Page - Maxim Integrated Products MAX4411 Datasheet HTML 4Page - Maxim Integrated Products MAX4411 Datasheet HTML 5Page - Maxim Integrated Products MAX4411 Datasheet HTML 6Page - Maxim Integrated Products MAX4411 Datasheet HTML 7Page - Maxim Integrated Products MAX4411 Datasheet HTML 8Page - Maxim Integrated Products MAX4411 Datasheet HTML 9Page - Maxim Integrated Products MAX4411 Datasheet HTML 10Page - Maxim Integrated Products MAX4411 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
80mW, Fixed-Gain, DirectDrive, Stereo
Headphone Amplifier with Shutdown
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(C1 = C2 = 2.2µF, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
GAIN FLATNESS vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
1k
100
-20
-25
-15
-10
-5
0
5
10
-30
10
1M
VDD = 3V
RL = 16
AV = -1.5V/V
AV = -2V/V
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.7
1.8
0.9
2
4
6
8
10
0
0
3.6
POWER DISSIPATION
vs. OUTPUT POWER
OUTPUT POWER (mW)
160
120
40
80
20
40
60
80
120
100
140
160
180
0
0
200
INPUTS 180
°
OUT OF PHASE
fIN = 1kHz
RL = 32
VDD = 3V
POUT = POUTL + POUTR
INPUTS
IN PHASE
POWER DISSIPATION
vs. OUTPUT POWER
OUTPUT POWER (mW)
50
40
30
10
20
20
40
60
80
100
120
140
0
060
INPUTS 180
°
OUT OF PHASE
fIN = 1kHz
RL = 16
VDD = 1.8V
POUT = POUTL + POUTR
INPUTS
IN PHASE
POWER DISSIPATION
vs. OUTPUT POWER
OUTPUT POWER (mW)
50
40
30
10
20
10
20
30
40
50
60
70
0
060
INPUTS 180
°
OUT OF PHASE
fIN = 1kHz
RL = 32
VDD = 1.8V
POUT = POUTL + POUTR
INPUTS
IN PHASE
CHARGE-PUMP OUTPUT RESISTANCE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
2.1
2
4
6
8
10
0
1.8
3.6
VIN_ = GND
IPVSS = 10mA
NO LOAD
OUTPUT POWER vs. CHARGE-PUMP
CAPACITANCE AND LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
40
30
20
20
10
30
40
50
60
70
80
90
0
10
50
fIN = 1kHz
THD+N = 1%
INPUTS IN PHASE
C1 = C2 = 1
µF
C1 = C2 = 0.47
µF
C1 = C2 = 0.68
µF
C1 = C2 = 2.2
µF
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.7
1.8
0.9
2
4
6
8
10
0
0
3.6
SHDNL = SHDNR = GND
FREQUENCY (kHz)
10
1
0.1
100
OUTPUT SPECTRUM vs. FREQUENCY
-100
-80
-60
-40
-20
0
-120
VOUT = 1VP-P
fIN = 1kHz
RL = 32


Similar Part No. - MAX4411

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4411 MAXIM-MAX4411 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX4411EBE+T MAXIM-MAX4411EBE+T Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX4411EBE-T MAXIM-MAX4411EBE-T Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX4411ETP MAXIM-MAX4411ETP Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
More results

Similar Description - MAX4411

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX4409 MAXIM-MAX4409 Datasheet
430Kb / 19P
   80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense
Rev 1; 6/04
MAX4409 MAXIM-MAX4409_V01 Datasheet
436Kb / 20P
   80mW, DirectDrive, Stereo Headphone Amplifier with Common-Mode Sense
19-2842; Rev 3; 6/09
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com