Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29040BL-70UF Datasheet(PDF) 8 Page - AMIC Technology

Part # A29040BL-70UF
Description  512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29040BL-70UF Datasheet(HTML) 8 Page - AMIC Technology

Back Button A29040BL-70UF Datasheet HTML 4Page - AMIC Technology A29040BL-70UF Datasheet HTML 5Page - AMIC Technology A29040BL-70UF Datasheet HTML 6Page - AMIC Technology A29040BL-70UF Datasheet HTML 7Page - AMIC Technology A29040BL-70UF Datasheet HTML 8Page - AMIC Technology A29040BL-70UF Datasheet HTML 9Page - AMIC Technology A29040BL-70UF Datasheet HTML 10Page - AMIC Technology A29040BL-70UF Datasheet HTML 11Page - AMIC Technology A29040BL-70UF Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
A29040B Series
system may once again read array data with the same
exception. See "Erase Suspend/Erase Resume Commands"
for more information on this mode.
The system must issue the reset command to re-enable the
device for reading array data if I/O5 goes high, or while in the
autoselect mode. See the "Reset Command" section, next.
See also "Requirements for Reading Array Data" in the
"Device Bus Operations" section for more information. The
Read Operations table provides the read parameters, and
Read Operation Timings diagram shows the timing diagram.
Reset Command
Writing the reset command to the device resets the device to
reading array data. Address bits are don't care for this
command. The reset command may be written between the
sequence cycles in an erase command sequence before
erasing begins. This resets the device to reading array data.
Once erasure begins, however, the device ignores reset
commands until the operation is complete.
The reset command may be written between the sequence
cycles
in
a
program
command
sequence
before
programming begins. This resets the device to reading array
data (also applies to programming in Erase Suspend mode).
Once programming begins, however, the device ignores
reset commands until the operation is complete.
The reset command may be written between the sequence
cycles in an autoselect command sequence. Once in the
autoselect mode, the reset command must be written to
return to reading array data (also applies to autoselect
during Erase Suspend).
If I/O5 goes high during a program or erase operation, writing
the reset command returns the device to reading array data
(also applies during Erase Suspend).
Autoselect Command Sequence
The autoselect command sequence allows the host system
to access the manufacturer and devices codes, and
determine whether or not a sector is protected. The
Command Definitions table shows the address and data
requirements. This method is an alternative to that shown in
the Autoselect Codes (High Voltage Method) table, which is
intended for PROM programmers and requires VID on
address bit A9.
The autoselect command sequence is initiated by writing two
unlock cycles, followed by the autoselect command. The
device then enters the autoselect mode, and the system
may read at any address any number of times, without
initiating another command sequence.
A read cycle at address XX00h retrieves the manufacturer
code and another read cycle at XX03h retrieves the
continuation code. A read cycle at address XX01h returns
the device code. A read cycle containing a sector address
(SA) and the address 02h in returns 01h if that sector is
protected, or 00h if it is unprotected. Refer to the Sector
Address tables for valid sector addresses.
The system must write the reset command to exit the
autoselect mode and return to reading array data.
Byte Program Command Sequence
Programming is a four-bus-cycle operation. The program
command sequence is initiated by writing two unlock write
cycles, followed by the program set-up command. The
program address and data are written next, which in turn
initiate the Embedded Program algorithm. The system is not
required to provide further controls or timings. The device
automatically provides internally generated program pulses
and verify the programmed cell margin. The Command
Definitions table shows the address and data requirements
for the byte program command sequence.
When the Embedded Program algorithm is complete, the
device then returns to reading array data and addresses are
no longer latched. The system can determine the status of
the program operation by using I/O7 or I/O6. See "Write
Operation Status" for information on these status bits.
Any commands written to the device during the Embedded
Program Algorithm are ignored. Programming is allowed in
any sequence and across sector boundaries. A bit cannot be
programmed from a "0" back to a "1 ". Attempting to do so
may halt the operation and set I/O5
to "1", or cause the
Data Polling algorithm to indicate the operation was
successful. However, a succeeding read will show that the
data is still "0". Only erase operations can convert a "0" to a
"1".
START
Write Program
Command
Sequence
Data Poll
from System
Verify Data ?
Last Address ?
Programming
Completed
No
Yes
Yes
Increment Address
Embedded
Program
algorithm in
progress
Note : See the appropriate Command Definitions table for
program command sequence.
Figure 1. Program Operation
PRELIMINARY
(December, 2004, Version 0.2)
7
AMIC Technology, Corp.


Similar Part No. - A29040BL-70UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29040 AMICC-A29040 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040-120 AMICC-A29040-120 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040-150 AMICC-A29040-150 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040-55 AMICC-A29040-55 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040-70 AMICC-A29040-70 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - A29040BL-70UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040 AMICC-A29040 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF040-55CCIN ALSC-AS29CF040-55CCIN Datasheet
713Kb / 27P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
logo
AMIC Technology
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040_11 Datasheet
350Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29512A AMICC-A29512A Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com