Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJ1142CS1615VDC3.5 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # WJ1142CS1615VDC3.5
Description  CIT SWTICH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ1142CS1615VDC3.5 Datasheet(HTML) 2 Page - CIT Relay & Switch

  WJ1142CS1615VDC3.5 Datasheet HTML 1Page - CIT Relay & Switch WJ1142CS1615VDC3.5 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series:
WJ114
WJ114
2.Contact Arrangement:
1A = SPST N.O.
1C = SPDT
2A = DPST N.O.
2C = DPDT
1C
3. Sealing Options:
S = Sealed
S
4. Contact Rating:
5 = 5A (2A & 2C contact arrangement only)
10 = 10A (1A & 1C contact arrangement only)
16 = 16A (1A & 1C contact arrangement only)
16
5. Coil Voltage:
3VDC
**Only available with 1 Pole Versions
5VDC
**Only available with 1 Pole Versions
6VDC
9VDC
12VDC
15VDC
24VDC
12VDC
6. Terminal Spacing (L Dimension):
3.5 = 3.5mm
5.0 = 5.0mm
3.5
7. Coil Power:
.53 = .53W
.80 = .80W
.80
DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
WJ114
1A (10A)
1C (10A)
1A (16A)
1C (16A)
2A
2C


Similar Part No. - WJ1142CS1615VDC3.5

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ114FL CIT-WJ114FL Datasheet
175Kb / 2P
   CIT SWITCH
WJ114FL1AS12110VDC3.5 CIT-WJ114FL1AS12110VDC3.5 Datasheet
175Kb / 2P
   CIT SWITCH
WJ114FL1AS12110VDC5.0 CIT-WJ114FL1AS12110VDC5.0 Datasheet
175Kb / 2P
   CIT SWITCH
WJ114FL1AS1212VDC3.5 CIT-WJ114FL1AS1212VDC3.5 Datasheet
175Kb / 2P
   CIT SWITCH
WJ114FL1AS1212VDC5.0 CIT-WJ114FL1AS1212VDC5.0 Datasheet
175Kb / 2P
   CIT SWITCH
More results

Similar Description - WJ1142CS1615VDC3.5

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS1201 CIT-MS1201 Datasheet
119Kb / 1P
   CIT SWITCH
MS1202 CIT-MS1202 Datasheet
121Kb / 1P
   CIT SWITCH
MS1270 CIT-MS1270 Datasheet
110Kb / 1P
   CIT SWITCH
MS2202 CIT-MS2202 Datasheet
125Kb / 1P
   CIT SWITCH
MS2215 CIT-MS2215 Datasheet
125Kb / 1P
   CIT SWITCH
MS4208 CIT-MS4208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102VS CIT-CT1102VS Datasheet
172Kb / 2P
   CIT SWITCH
LP2203 CIT-LP2203 Datasheet
271Kb / 3P
   CIT SWITCH
LP2284 CIT-LP2284 Datasheet
124Kb / 1P
   CIT SWITCH
WJ102 CIT-WJ102 Datasheet
269Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com