Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF535PKB-350 Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-BF535PKB-350
Description  Blackfin Embedded Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF535PKB-350 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-BF535PKB-350 Datasheet HTML 3Page - Analog Devices ADSP-BF535PKB-350 Datasheet HTML 4Page - Analog Devices ADSP-BF535PKB-350 Datasheet HTML 5Page - Analog Devices ADSP-BF535PKB-350 Datasheet HTML 6Page - Analog Devices ADSP-BF535PKB-350 Datasheet HTML 7Page - Analog Devices ADSP-BF535PKB-350 Datasheet HTML 8Page - Analog Devices ADSP-BF535PKB-350 Datasheet HTML 9Page - Analog Devices ADSP-BF535PKB-350 Datasheet HTML 10Page - Analog Devices ADSP-BF535PKB-350 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
–7–
REV. A
ADSP-BF535
Event Control
The ADSP-BF535 Blackfin processor provides the user with a
very flexible mechanism to control the processing of events. In
the CEC, three registers are used to coordinate and control
events. Each of the registers is 16 bits wide, and each bit repre-
sents a particular event class:
• CEC Interrupt Latch Register (ILAT)—The ILAT
register indicates when events have been latched. The
appropriate bit is set when the processor has latched the
event and cleared when the event has been accepted into
the system. This register is updated automatically by the
controller but may be read while in supervisor mode.
• CEC Interrupt Mask Register (IMASK)—The IMASK
register controls the masking and unmasking of individual
events. When a bit is set in the IMASK register, that event
is unmasked and will be processed by the CEC when
asserted. A cleared bit in the IMASK register masks the
event thereby preventing the processor from servicing the
event even though the event may be latched in the ILAT
register. This register may be read from or written to while
in supervisor mode. (Note that general-purpose inter-
rupts can be globally enabled and disabled with the STI
and CLI instructions, respectively.)
• CEC Interrupt Pending Register (IPEND)—The
IPEND register keeps track of all nested events. A set bit
in the IPEND register indicates the event is currently
active or nested at some level. This register is updated
automatically by the controller but may be read while in
supervisor mode.
The SIC allows further control of event processing by providing
three 32-bit interrupt control and status registers. Each register
contains a bit corresponding to each of the peripheral interrupt
events shown in Table 2.
• SIC Interrupt Mask Register (SIC_IMASK)—This
register controls the masking and unmasking of each
peripheral interrupt event. When a bit is set in the register,
that peripheral event is unmasked and will be processed
by the system when asserted. A cleared bit in the register
masks the peripheral event thereby preventing the
processor from servicing the event.
• SIC Interrupt Status Register (SIC_ISTAT)—As
multiple peripherals can be mapped to a single event, this
register allows the software to determine which peripheral
event source triggered the interrupt. A set bit indicates
the peripheral is asserting the interrupt, a cleared bit
indicates the peripheral is not asserting the event.
• SIC Interrupt Wakeup Enable Register (SIC_IWR)—By
enabling the corresponding bit in this register, each
peripheral can be configured to wake up the processor,
should the processor be in a powered down mode when
the event is generated. (See Dynamic Power Management
on Page 11.)
Because multiple interrupt sources can map to a single general-
purpose interrupt, multiple pulse assertions can occur
simultaneously, before or during interrupt processing for an
interrupt event already detected on this interrupt input. The
IPEND register contents are monitored by the SIC as the
interrupt acknowledgement.
The appropriate ILAT register bit is set when an interrupt rising
edge is detected (detection requires two core clock cycles). The
bit is cleared when the respective IPEND register bit is set. The
IPEND bit indicates that the event has entered into the processor
pipeline. At this point, the CEC will recognize and queue the next
rising edge event on the corresponding event input. The
minimum latency from the rising edge transition of the general-
purpose interrupt to the IPEND output asserted is three core
clock cycles; however, the latency can be much higher, depending
on the activity within and the mode of the processor.
DMA Controllers
The ADSP-BF535 Blackfin processor has multiple, independent
DMA controllers that support automated data transfers with
minimal overhead for the Blackfin processor core. DMA transfers
can occur between the ADSP-BF535 Blackfin processor's
internal memories and any of its DMA-capable peripherals.
Additionally, DMA transfers can be accomplished between any
of the DMA-capable peripherals and external devices connected
to the external memory interfaces, including the SDRAM con-
troller, the asynchronous memory controller and the PCI bus
interface. DMA-capable peripherals include the SPORTs, SPI
ports, UARTs, and USB port. Each individual DMA-capable
peripheral has at least one dedicated DMA channel. DMA to and
from PCI is accomplished by the memory DMA channel.
To describe each DMA sequence, the DMA controller uses a set
of parameters called a descriptor block. When successive DMA
sequences are needed, these descriptor blocks can be linked or
chained together, so the completion of one DMA sequence auto-
initiates and starts the next sequence. The descriptor blocks
include full 32-bit addresses for the base pointers for source and
destination, enabling access to the entire ADSP-BF535 Blackfin
processor address space.
In addition to the dedicated peripheral DMA channels, there is
a separate memory DMA channel provided for transfers between
the various memories of the ADSP-BF535 Blackfin processor
system. This enables transfers of blocks of data between any of
the memories, including on-chip Level 2 memory, external
SDRAM, ROM, SRAM, and flash memory, and PCI address
spaces with little processor intervention.
Memory DMA
19
IVG13
Software Watchdog Timer
20
IVG13
Reserved
26 – 21
Software Interrupt 1
27
IVG14
Software Interrupt 2
28
IVG15
Table 2. System Interrupt Controller (SIC) (continued)
Peripheral Interrupt
Event
Peripheral
Interrupt ID
Default
Mapping


Similar Part No. - ADSP-BF535PKB-350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF535 AD-ADSP-BF535_15 Datasheet
1Mb / 44P
   Blackfin Embedded Processor
REV. A
More results

Similar Description - ADSP-BF535PKB-350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com