Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A82DL1644UG-70IF Datasheet(PDF) 3 Page - AMIC Technology

Part # A82DL1644UG-70IF
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A82DL1644UG-70IF Datasheet(HTML) 3 Page - AMIC Technology

  A82DL1644UG-70IF Datasheet HTML 1Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 2Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 3Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 4Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 5Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 6Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 7Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 8Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
A82DL16x4T(U) Series
PRELIMINARY
(August, 2005, Version 0.0)
2
AMIC Technology, Corp.
GENERAL DESCRIPTION
The A82DL16x2T(U) family consists of 16 megabit, 3.0 volt-
only flash memory devices, organized as 1,048,576 words of
16 bits each or 2,097,152 bytes of 8 bits each. Word mode
data appears on I/O0–I/O15; byte mode data appears on I/O0
I/O7. The device is designed to be programmed in-system
with the standard 3.0 volt VCC supply, and can also be
programmed in standard EPROM programmers.
The device is available with an access time of 70ns. The
devices are offered in 69-ball Fine-pitch BGA. Standard
control pins—chip enable ( CE_F ), write enable ( WE ), and
output enable ( OE )—control normal read and write
operations, and avoid bus contention issues.
The device requires only a single 3.0 volt power supply for
both read and write functions. Internally generated and
regulated voltages are provided for the program and erase
operations.
Simultaneous Read/Write Operations with Zero
Latency
The
Simultaneous
Read/Write
architecture
provides
simultaneous operation by dividing the memory space into
two
banks.
The
device
can
improve
overall
system
performance by allowing a host system to program or erase
in one bank, then immediately and simultaneously read from
the other bank, with zero latency. This releases the system
from waiting for the completion of program or erase
operations.
The A82DL16x4T(U) devices uses multiple bank archi-
tectures to provide flexibility for different applications. Three
devices are available with these bank sizes:
Device
Bank 1
Bank 2
DL1624
2 Mb
14 Mb
DL1634
4 Mb
12 Mb
DL1644
8 Mb
8 Mb
A82DL16x4T(U) Features
The device offers complete compatibility with the JEDEC
single-power-supply
Flash
command
set
standard.
Commands are written to the command register using
standard microprocessor write timings. Reading data out of
the device is similar to reading from other Flash or EPROM
devices.
The host system can detect whether a program or erase
operation is complete by using the device status bits:
RY/
BY pin, I/O7 ( Data Polling) and I/O6/I/O2 (toggle bits).
After a program or erase cycle has been completed, the
device automatically returns to reading array data.
The sector erase architecture allows memory sectors to be
erased
and
reprogrammed
without
affecting
the
data
contents of other sectors. The device is fully erased when
shipped from the factory.
Hardware data protection measures include a low VCC
detector that automatically inhibits write operations during
power transitions. The hardware sector protection feature
disables
both
program
and
erase
operations
in
any
combination of the sectors of memory. This can be achieved
in-s y s t e m or via programming equipment.
The
device
offers
two
power-saving
features.
When
addresses have been stable for a specified amount of time,
the device enters the automatic sleep mode. The system
can also place the device into the standby mode. Power
consumption is greatly reduced in both modes.


Similar Part No. - A82DL1644UG-70IF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL1642 AMICC-A82DL1642 Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1642TG-70 AMICC-A82DL1642TG-70 Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1642TG-70F AMICC-A82DL1642TG-70F Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1642TG-70I AMICC-A82DL1642TG-70I Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1642TG-70IF AMICC-A82DL1642TG-70IF Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
More results

Similar Description - A82DL1644UG-70IF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL16X2T AMICC-A82DL16X2T Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com