Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF535PKB-300 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-BF535PKB-300
Description  Blackfin Embedded Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF535PKB-300 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-BF535PKB-300 Datasheet HTML 1Page - Analog Devices ADSP-BF535PKB-300 Datasheet HTML 2Page - Analog Devices ADSP-BF535PKB-300 Datasheet HTML 3Page - Analog Devices ADSP-BF535PKB-300 Datasheet HTML 4Page - Analog Devices ADSP-BF535PKB-300 Datasheet HTML 5Page - Analog Devices ADSP-BF535PKB-300 Datasheet HTML 6Page - Analog Devices ADSP-BF535PKB-300 Datasheet HTML 7Page - Analog Devices ADSP-BF535PKB-300 Datasheet HTML 8Page - Analog Devices ADSP-BF535PKB-300 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
–3–
REV. A
ADSP-BF535
Clock, Programmable Flags, Watchdog Timer, and USB and
PCI buses for glueless peripheral expansion.
ADSP-BF535 Peripherals
The ADSP-BF535 Blackfin processor contains a rich set of
peripherals connected to the core via several high bandwidth
buses, providing flexibility in system configuration as well as
excellent overall system performance. See Functional Block
Diagram on Page 1. The base peripherals include general-
purpose functions such as UARTs, timers with PWM (Pulse
Width Modulation) and pulse measurement capability, general-
purpose flag I/O pins, a real-time clock, and a watchdog timer.
This set of functions satisfies a wide variety of typical system
support needs and is augmented by the system expansion capa-
bilities of the part. In addition to these general-purpose
peripherals, the ADSP-BF535 Blackfin processor contains high
speed serial ports for interfaces to a variety of audio and modem
CODEC functions. It also contains an event handler for flexible
management of interrupts from the on-chip peripherals and
external sources. And it contains power management control
functions to tailor the performance and power characteristics of
the processor and system to many application scenarios.
The on-chip peripherals can be easily augmented in many system
designs with little or no glue logic due to the inclusion of several
interfaces providing expansion on industry-standard buses.
These include a 32-bit, 33 MHz, V2.2 compliant PCI bus, SPI
serial expansion ports, and a device type USB port. These enable
the connection of a large variety of peripheral devices to tailor the
system design to specific applications with a minimum of design
complexity.
All of the peripherals, except for programmable flags, real-time
clock, and timers, are supported by a flexible DMA structure with
individual DMA channels integrated into the peripherals. There
is also a separate memory DMA channel dedicated to data
transfers between the various memory spaces including external
SDRAM and asynchronous memory, internal Level 1 and Level
2 SRAM, and PCI memory spaces. Multiple on-chip 32-bit
buses, running at up to 133 MHz, provide adequate bandwidth
to keep the processor core running along with activity on all of
the on-chip and external peripherals.
Processor Core
As shown in Figure 1, the Blackfin processor core contains two
multiplier/accumulators (MACs), two 40-bit ALUs, four video
ALUs, and a single shifter. The computational units process
8-bit, 16-bit, or 32-bit data from the register file.
Each MAC performs a 16-bit by 16-bit multiply in every cycle,
with an accumulation to a 40-bit result, providing 8 bits of
extended precision.
The ALUs perform a standard set of arithmetic and logical oper-
ations. With two ALUs capable of operating on 16- or 32-bit data,
the flexibility of the computation units covers the signal process-
ing requirements of a varied set of application needs. Each of the
two 32-bit input registers can be regarded as two 16-bit halves,
so each ALU can accomplish very flexible single 16-bit arithmetic
operations. By viewing the registers as pairs of 16-bit operands,
dual 16-bit or single 32-bit operations can be accomplished in a
single cycle. Quad 16-bit operations can be accomplished simply,
by taking advantage of the second ALU. This accelerates the per
cycle throughput.
Figure 1. Processor Core
SP
SEQU ENCE R
AL IGN
DEC ODE
L OOP BUF F ER
DA G0
DAG1
16
16
8
8
8
8
40
40
A0
A1
BA RR EL
SHIFTER
DA T A AR ITH MET IC UN IT
CONTROL
UNIT
ADD RESS A RIT HMET IC U NIT
FP
P5
P4
P3
P2
P1
P0
R7
R6
R5
R4
R3
R2
R1
R0
I3
I2
I1
I0
L3
L2
L1
L0
B3
B2
B1
B0
M3
M2
M1
M0


Similar Part No. - ADSP-BF535PKB-300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF535 AD-ADSP-BF535_15 Datasheet
1Mb / 44P
   Blackfin Embedded Processor
REV. A
More results

Similar Description - ADSP-BF535PKB-300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com