Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH2220FVM Datasheet(PDF) 5 Page - Rohm

Part # BH2220FVM
Description  8bit 3ch D/A converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH2220FVM Datasheet(HTML) 5 Page - Rohm

  BH2220FVM Datasheet HTML 1Page - Rohm BH2220FVM Datasheet HTML 2Page - Rohm BH2220FVM Datasheet HTML 3Page - Rohm BH2220FVM Datasheet HTML 4Page - Rohm BH2220FVM Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BH2220FVM
Standard IC
5/5
(3) Command sending
Control command is 3wire 10bit serial interface. (MSB first)
Data is taken in with the rise edge of the CLK and output data is fixed in the LD high section.
Data is maintained in the LD low section.
Data set
Channel select
D0
LSB (LAST)
•Data set
•Channel select
MSB (FIRST)
D1
D2
D3
D4
D5
D6
D7
D8
D9
GND
(VCC-GND) / 256
×1
(VCC-GND) / 256
×2
(VCC-GND) / 256
×3
(VCC-GND) / 256
×4
(VCC-GND) / 256
×254
(VCC-GND) / 256
×255
Analog output voltage level
0
1
0
1
0
0
1
D0
0
0
1
1
0
1
1
D1
0
0
0
0
1
1
1
D2
0
0
0
0
0
1
1
D3
0
0
0
0
0
1
1
D4
0
0
0
0
0
1
1
D5
0
0
0
0
0
1
1
D6
0
0
0
0
0
1
1
D7
AO1
AO2
AO3
Don't Care
Adress select
0
1
0
1
D8
0
0
1
1
D9
!
!
!
!
Operation notes
(1) Regarding to the DNL & INL
This item is guaranteed under below condition.
Input code 02H
∼FDH
(2) Regarding to the power on reset function
This function operates detecting the voltage level of the VCC.
So, if the voltage level of the VCC become less than power on reset voltage when working, it is a possibility that the
outputs become reset condition.
!
!
!
!
External dimensions (Units : mm)
MSOP8
4
1
5
8
2.9
±0.1
0.475
0.65
0.08 S
0.08 M
0.145
+0.05
−0.03
0.22
+0.05
−0.04


Similar Part No. - BH2220FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH2220FVM ROHM-BH2220FVM Datasheet
252Kb / 8P
   Standard 8bit 2ch-E3ch Type D/A Converters
BH2220FVM-TR ROHM-BH2220FVM-TR Datasheet
1Mb / 17P
   D/A Converters Standard 8bit 2ch ??3ch Type
More results

Similar Description - BH2220FVM

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW5210 NJRC-NJW5210 Datasheet
84Kb / 4P
   8bit 3ch D/A Converter
logo
Rohm
BH2219FVM ROHM-BH2219FVM_15 Datasheet
1Mb / 17P
   D/A Converters Standard 8bit 2ch ??3ch Type
BH2223FV ROHM-BH2223FV Datasheet
88Kb / 6P
   8bit 10ch D/A converter
BH2219FVM ROHM-BH2219FVM Datasheet
171Kb / 5P
   8bit 2ch D/A converter
BH2228FV ROHM-BH2228FV Datasheet
261Kb / 5P
   8bit 6ch D/A converter
BH2221FV ROHM-BH2221FV Datasheet
80Kb / 6P
   8bit 12ch D/A converter
BH2222FV ROHM-BH2222FV Datasheet
87Kb / 4P
   8bit 20ch D/A converter
BH2227FV ROHM-BH2227FV Datasheet
260Kb / 5P
   8bit 4ch D/A converter
logo
Asahi Kasei Microsystem...
AK5483 AKM-AK5483 Datasheet
93Kb / 14P
   10Bit 20MHz 3CH A/D Converter
logo
Rohm
BU2500FV ROHM-BU2500FV Datasheet
48Kb / 4P
   8bit 12-channel D/A converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com