Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6525G Datasheet(PDF) 6 Page - Texas Instruments

Part # PT6525G
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6525G Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT6525G Datasheet HTML 2Page - Texas Instruments PT6525G Datasheet HTML 3Page - Texas Instruments PT6525G Datasheet HTML 4Page - Texas Instruments PT6525G Datasheet HTML 5Page - Texas Instruments PT6525G Datasheet HTML 6Page - Texas Instruments PT6525G Datasheet HTML 7Page - Texas Instruments PT6525G Datasheet HTML 8Page - Texas Instruments PT6525G Datasheet HTML 9Page - Texas Instruments PT6525G Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
PT6520 Series
Series Pt #
PT6527
PT6522
PT6526
PT6525
PT6523
Vo (nom)
1.2V
1.5V
1.8V
2.1V
2.5V
Va (req’d)
1.1
(5.1)k
1.15
(45.1)k
1.2
1.25
135.0k
1.3
55.1k
1.35
28.4k
1.4
15.1k
1.45
7.1k
1.47
4.7k
(18.1)k
1.5
1.8k
1.55
209.0k
1.6
79.6k
1.65
36.5k
1.7
14.9k
1.75
(46.1)k
1.8
1.85
204.0k
1.9
77.1k
1.95
34.8k
(12.1)k
2.0
13.6k
(39.8)k
2.05
(123.0)k
2.1
2.15
221.k
2.2
93.8k
2.25
51.5k
(6.0)k
2.3
30.3k
(18.3)k
2.35
17.6k
(38.8)k
2.4
9.1k
(79.8)k
2.45
3.1k
(203.0)k
2.5
2.55
221.0k
2.6
93.8k
2.65
(See Note 4)
51.5k
2.7
30.3k
2.75
17.6k
2.8
9.1k
2.85
3.1k
R1 = (Blue)
R2 = Black
Table 2
PT6520 ADJUSTMENT RESISTOR VALUES
Series Pt #
PT6521
Vo (nom)
3.3V
Va (req’d)
2.75
(2.0)k
2.8
(5.7)k
2.85
(10.2)k
2.9
(15.9)k
2.95
(23.1)k
3.0
(32.8)k
3.05
(46.3)k
3.1
(66.6)k
3.15
(100.0)k
3.2
(168.0)k
3.25
(371.0)k
3.3
3.35
229.0k
3.4
102.0k
3.45
59.8k
3.5
38.6k
3.55
25.9k
3.6
17.4k
3.65
11.4k
3.7
6.9k
3.75
3.3k


Similar Part No. - PT6525G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6525 TI-PT6525 Datasheet
193Kb / 8P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
logo
Princeton Technology Co...
PT6525 PTC-PT6525 Datasheet
126Kb / 4P
   1/3 Duty General Purpose LCD Driver IC
PT6525 PTC-PT6525 Datasheet
126Kb / 4P
   1/3 Duty General Purpose LCD Driver IC
PT6525-LQ PTC-PT6525-LQ Datasheet
126Kb / 4P
   1/3 Duty General Purpose LCD Driver IC
PT6525-LQ PTC-PT6525-LQ Datasheet
126Kb / 4P
   1/3 Duty General Purpose LCD Driver IC
More results

Similar Description - PT6525G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6510 TI-PT6510 Datasheet
432Kb / 19P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT652X TI-PT652X Datasheet
193Kb / 8P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6500 TI-PT6500 Datasheet
291Kb / 7P
[Old version datasheet]   8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com