Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1714KC1 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJG1714KC1
Description  1.9GHz BAND FRONT-END GaAs MMIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1714KC1 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJG1714KC1 Datasheet HTML 3Page - New Japan Radio NJG1714KC1 Datasheet HTML 4Page - New Japan Radio NJG1714KC1 Datasheet HTML 5Page - New Japan Radio NJG1714KC1 Datasheet HTML 6Page - New Japan Radio NJG1714KC1 Datasheet HTML 7Page - New Japan Radio NJG1714KC1 Datasheet HTML 8Page - New Japan Radio NJG1714KC1 Datasheet HTML 9Page - New Japan Radio NJG1714KC1 Datasheet HTML 10Page - New Japan Radio NJG1714KC1 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NJG1714KC1
- 7 -
s
s
s
sTYPICAL CHARACTERISTICS 1 (LNA, f=1.9GHz, with test circuit )
Condition
f=1900MHz
VLNA=2.7V
VMIX=VLO=0V
Condition
f=1900+1900.1MHz
Pin=-36dBm
VLNA=2.7V
VMIX=VLO=0V
10
12
14
16
18
20
0
1
2
3
4
5
-4 0
-20
0
20
40
6 0
80
10 0
G ain,Noise Figure vs. Tem perature
Am bient Tem perature (
o
C)
Gain
NF
0
2
4
6
8
10
12
14
16
-8
-6
-4
-2
0
2
4
6
8
-4 0
-20
0
20
40
6 0
80
10 0
OIP3,IIP3 vs. Tem perature
Am bient Tem perature (
o
C)
IIP3
OIP3
Condition
f=1900MHz
VLNA=2.7V
VMIX=VLO=0V
-6
-4
-2
0
2
4
1
2
3
4
5
6
-4 0
-20
0
20
40
6 0
80
10 0
P-1dB,I
LNA
vs. Tem perature
Am bient Tem perature (
o
C)
P-1dB
I
LN A
The value of OIP3 and IIP3 shown in
typical characteristics are calculated
OIP3=
3
×Pout−IM3
2
IIP3=OIP3-Gain
@Pin
=-36dBm


Similar Part No. - NJG1714KC1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1712KC1 NJRC-NJG1712KC1 Datasheet
529Kb / 18P
   CDMA/AMPS RX FRONT-END GaAs MMIC
More results

Similar Description - NJG1714KC1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1709KC1 NJRC-NJG1709KC1 Datasheet
780Kb / 29P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
   1.5/1.9GHz BAND MIXER GaAs MMIC
logo
Mitsubishi Electric Sem...
MGF7124A MITSUBISHI-MGF7124A Datasheet
9Kb / 1P
   1.9GHz BAND AMPLIFIER MMIC
logo
New Japan Radio
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
   800MHz TDMA FRONT-END GaAs MMIC
NJG1107KB2 NJRC-NJG1107KB2 Datasheet
426Kb / 19P
   1.5/1.9GHz LNA GaAs MMIC
NJG1552F NJRC-NJG1552F Datasheet
577Kb / 19P
   1.5ghZ/1.9ghZ mixer gAaS mmic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com