Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC1G06 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC1G06
Description  SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G06 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AUC1G06 Datasheet HTML 1Page - Texas Instruments SN74AUC1G06 Datasheet HTML 2Page - Texas Instruments SN74AUC1G06 Datasheet HTML 3Page - Texas Instruments SN74AUC1G06 Datasheet HTML 4Page - Texas Instruments SN74AUC1G06 Datasheet HTML 5Page - Texas Instruments SN74AUC1G06 Datasheet HTML 6Page - Texas Instruments SN74AUC1G06 Datasheet HTML 7Page - Texas Instruments SN74AUC1G06 Datasheet HTML 8Page - Texas Instruments SN74AUC1G06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
Switching Characteristics
SN74AUC1G06
SINGLE INVERTER BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUT
SCES372J – SEPTEMBER 2001 – REVISED JUNE 2005
MIN
MAX
UNIT
VCC
Supply voltage
0.8
2.7
V
VCC = 0.8 V
VCC
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65 × VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 0.8 V
0
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35 × VCC
V
VCC = 2.3 V to 2.7 V
0.7
VI
Input voltage
0
3.6
V
VO
Output voltage
0
3.6
V
VCC = 0.8 V
0.7
VCC = 1.1 V
3
IOL
Low-level output current
VCC = 1.4 V
5
mA
VCC = 1.65 V
8
VCC = 2.3 V
9
VCC = 0.8 V to 1.6 V
20
∆t/∆v
Input transition rise or fall rate
VCC = 1.65 V
10
ns/V
VCC = 2.3 V
5
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOL = 100 µA
0.8 V to 2.7 V
0.2
IOL = 0.7 mA
0.8 V
0.25
IOL = 3 mA
1.1 V
0.3
VOL
V
IOL = 5 mA
1.4 V
0.4
IOL = 8 mA
1.65 V
0.45
IOL = 9 mA
2.3 V
0.6
II
A input
VI = VCC or GND
0 to 2.7 V
±5
µA
Ioff
VI or VO = 2.7 V
0
±10
µA
ICC
VI = VCC or GND,
IO = 0
0.8 V to 2.7 V
10
µA
Ci
VI = VCC or GND
2.5 V
3
pF
(1)
All typical values are at TA = 25°C.
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 1)
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 0.8 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
TYP
MAX
MIN
MAX
tpd
A
Y
5
0.3
3.1
0.2
2.4
(1)
(1)
(1)
(1)
(1)
ns
(1)
This information was not available at the time of publication.
3


Similar Part No. - SN74AUC1G06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G06 TI-SN74AUC1G06 Datasheet
508Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06DBVR TI-SN74AUC1G06DBVR Datasheet
508Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06DBVRE4 TI-SN74AUC1G06DBVRE4 Datasheet
508Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06DBVRG4 TI-SN74AUC1G06DBVRG4 Datasheet
508Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06DCKR TI-SN74AUC1G06DCKR Datasheet
508Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results

Similar Description - SN74AUC1G06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G06 DIODES-74LVCE1G06 Datasheet
220Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G06 TI-SN74LVC1G06_08 Datasheet
674Kb / 17P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06 TI-SN74AUC1G06_09 Datasheet
508Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVC1G06 DIODES-74LVC1G06 Datasheet
216Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 1 - 2
74LVC1G06_1010 DIODES-74LVC1G06_1010 Datasheet
247Kb / 13P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G06-EP TI-SN74LVC1G06-EP Datasheet
142Kb / 7P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DBVTG4 TI1-SN74LVC1G06DBVTG4 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI-SN74LVC1G06 Datasheet
306Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G06_1012 DIODES-74LVCE1G06_1012 Datasheet
248Kb / 13P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G06 TI1-SN74LVC1G06_18 Datasheet
1Mb / 41P
[Old version datasheet]   Single Inverter Buffer/Driver With Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com