Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP05 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10EP05
Description  2-Input Differential AND/NAND
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP05 Datasheet(HTML) 5 Page - ON Semiconductor

  MC10EP05 Datasheet HTML 1Page - ON Semiconductor MC10EP05 Datasheet HTML 2Page - ON Semiconductor MC10EP05 Datasheet HTML 3Page - ON Semiconductor MC10EP05 Datasheet HTML 4Page - ON Semiconductor MC10EP05 Datasheet HTML 5Page - ON Semiconductor MC10EP05 Datasheet HTML 6Page - ON Semiconductor MC10EP05 Datasheet HTML 7Page - ON Semiconductor MC10EP05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10EP05
http://onsemi.com
5
PACKAGE DIMENSIONS
SO–8
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751–06
ISSUE T
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10


Similar Part No. - MC10EP05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP05 ONSEMI-MC10EP05 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC10EP05 ONSEMI-MC10EP05 Datasheet
190Kb / 11P
   ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 10
MC10EP05D ONSEMI-MC10EP05D Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP05D ONSEMI-MC10EP05D Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC10EP05D ONSEMI-MC10EP05D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

Similar Description - MC10EP05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05 Datasheet
48Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC10EL05 ONSEMI-MC10EL05 Datasheet
78Kb / 3P
   2-Input Differential AND/NAND
1996 REV 2
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05_06 Datasheet
50Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC100LVEL05 ONSEMI-MC100LVEL05 Datasheet
55Kb / 3P
   2-Input Differential AND/NAND
1997 REV 0
MC100LVEO05 ONSEMI-MC100LVEO05 Datasheet
110Kb / 9P
   ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC10EP105 ONSEMI-MC10EP105 Datasheet
123Kb / 8P
   Quad 2-Input Differential AND/NAND
December, 1999 ??Rev. 0
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC100LVEL05 ONSEMI-MC100LVEL05_06 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC100LVEP05 ONSEMI-MC100LVEP05_09 Datasheet
161Kb / 10P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
October, 2009 ??Rev. 2
MC100LVEP05 ONSEMI-MC100LVEP05 Datasheet
104Kb / 9P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com