Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5857 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL5857
Description  12-bit, 3.3V, 260MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5857 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL5857 Datasheet HTML 1Page - Intersil Corporation ISL5857 Datasheet HTML 2Page - Intersil Corporation ISL5857 Datasheet HTML 3Page - Intersil Corporation ISL5857 Datasheet HTML 4Page - Intersil Corporation ISL5857 Datasheet HTML 5Page - Intersil Corporation ISL5857 Datasheet HTML 6Page - Intersil Corporation ISL5857 Datasheet HTML 7Page - Intersil Corporation ISL5857 Datasheet HTML 8Page - Intersil Corporation ISL5857 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN6079.1
November 12, 2004
Pin Descriptions
PIN NO.
PIN NAME
DESCRIPTION
1-12
D11 (MSB) Through
D0 (LSB)
Digital Data Bit 11, (Most Significant Bit) through Digital Data Bit 0, (Least Significant Bit).
15
SLEEP
Control Pin for Power-Down mode. Sleep Mode is active high; Connect to ground for Normal Mode. Sleep
pin has internal 20
µA active pulldown current.
16
REFLO
Connect to analog ground to enable internal 1.2V reference or connect to AVDD to disable internal
reference.
17
REFIO
Reference voltage input if internal reference is disabled. Reference voltage output if internal reference is
enabled. Use 0.
1µF cap to ground when internal reference is enabled.
18
FSADJ
Full Scale Current Adjust. Use a resistor to ground to adjust full scale output current. Full Scale Output
Current = 32 x VFSADJ/RSET.
19, 25
NC
No Connect. These should be grounded, but can be left disconnected.
21
IOUTB
The complementary current output of the device. Full scale output current is achieved when all input bits
are set to binary 0.
22
IOUTA
Current output of the device. Full scale output current is achieved when all input bits are set to binary 1.
23
COMP
Connect 0.1
µF capacitor to ACOM.
24
AVDD
Analog Supply (+3.0V to +3.6V).
20
ACOM
Connect to Analog Ground.
26, 13, 14
DCOM
Connect to Digital Ground.
27
DVDD
Digital Supply (+3.0V to +3.6V).
28
CLK
Clock Input.
ISL5857


Similar Part No. - ISL5857

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5857 INTERSIL-ISL5857 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5857 INTERSIL-ISL5857 Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5857IAZ INTERSIL-ISL5857IAZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5857IAZ RENESAS-ISL5857IAZ Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results

Similar Description - ISL5857

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
   Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5757 INTERSIL-ISL5757 Datasheet
625Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com