Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5757EVAL1 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL5757EVAL1
Description  10-bit, 3.3V, 260MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5757EVAL1 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL5757EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL5757EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL5757EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL5757EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL5757EVAL1 Datasheet HTML 9Page - Intersil Corporation ISL5757EVAL1 Datasheet HTML 10Page - Intersil Corporation ISL5757EVAL1 Datasheet HTML 11Page - Intersil Corporation ISL5757EVAL1 Datasheet HTML 12Page - Intersil Corporation ISL5757EVAL1 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN6078.1
November 12, 2004
Propagation Delay
The converter requires two clock rising edges for data to be
represented at the output. Each rising edge of the clock
captures the present data word and outputs the previous
data. The propagation delay is therefore 1/CLK, plus <2ns of
processing. See Figure 15.
Test Service
Intersil offers customer-specific testing of converters with a
service called Testdrive. To submit a request, fill out the
Testdrive form. The form can be found by doing an ‘entire
site search’ at www.intersil.com on the words ‘DAC
Testdrive’. Or, send a request to the technical support center.
FIGURE 13. OUTPUT LOADING FOR DATASHEET
MEASUREMENTS
PIN 21
PIN 22
RDIFF
ISL5757
RLOAD
IOUTB
IOUTA
VOUT = (2 x IOUTA x REQ)V
LOAD SEEN BY THE TRANSFORMER
RLOAD REPRESENTS THE
1:1
REQ = 0.5 x (RLOAD//RDIFF)
AT EACH OUTPUT
FIGURE 14. ALTERNATIVE OUTPUT LOADING
PIN 21
PIN 22
ISL5757
IOUTB
IOUTA
VOUT = (2 x IOUTA x REQ)V
REQ = 0.5 x (RLOAD//RDIFF//RA), WHERE RA = RB
AT EACH OUTPUT
RLOAD
RDIFF
RA
RB
LOAD SEEN BY THE TRANSFORMER
RLOAD REPRESENTS THE
Timing Diagram
FIGURE 15. PROPAGATION DELAY, SETUP TIME, HOLD TIME AND MINIMUM PULSE WIDTH DIAGRAM
CLK
IOUT
50%
tPW1
tPW2
tSU
tHLD
tSU
tSU
tPD
tHLD
tHLD
D9-D0
W0
W1
W2
W3
OUTPUT = W0
OUTPUT = W1
tPD
OUTPUT = W-1
ISL5757


Similar Part No. - ISL5757EVAL1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5757EVAL1 RENESAS-ISL5757EVAL1 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results

Similar Description - ISL5757EVAL1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
   Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com