Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7126CPLZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL7126CPLZ
Description  3 1/2 Digit, Low Power, Single Chip A/D Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7126CPLZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICL7126CPLZ Datasheet HTML 3Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 4Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 5Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 6Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 7Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 8Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 9Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 10Page - Intersil Corporation ICL7126CPLZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN3084.5
Differential Reference
The reference voltage can be generated anywhere within the
power supply voltage of the converter. The main source of
common mode error is a roll-over voltage caused by the
reference capacitor losing or gaining charge to stray capacity
on its nodes. If there is a large common mode voltage, the
reference capacitor can gain charge (increase voltage) when
called up to de-integrate a positive signal but lose charge
(decrease voltage) when called up to de-integrate a negative
input signal. This difference in reference for positive or
negative input voltage will give a roll-over error. However, by
selecting the reference capacitor large enough in comparison
to the stray capacitance, this error can be held to less than 0.5
count worst case. (See Component Value Selection.)
Analog COMMON
This pin is included primarily to set the common mode
voltage for battery operation or for any system where the
input signals are floating with respect to the power supply.
The COMMON pin sets a voltage that is approximately 2.8V
more negative than the positive supply. This is selected to
give a minimum end-of-life battery voltage of about 6.8V.
However, analog COMMON has some of the attributes of a
reference voltage. When the total supply voltage is large
enough to cause the zener to regulate (<6.8V), the
COMMON voltage will have a low voltage coefficient
(0.001%/V), low output impedance (
≅15Ω), and a
temperature coefficient typically less than 80ppm/oC.
The limitations of the on-chip reference should also be
recognized, however. The reference Temperature Coefficient
(TC), can cause some degradation in performance.
Temperature changes of 2oC to 8oC, typical for instruments,
can give a scale factor error of a count or more. Also the
common voltage will have a poor voltage coefficient when the
total supply voltage is less than that which will cause the zener
to regulate (<7V). These problems are eliminated if an
external reference is used, as shown in Figure 5.
Analog COMMON is also used as the input low return during
auto-zero and de-integrate. If IN LO is different from analog
COMMON, a common mode voltage exists in the system
and is taken care of by the excellent CMRR of the converter.
However, in some applications IN LO will be set at a fixed
known voltage (power supply common for instance). In this
application, analog COMMON should be tied to the same
point, thus removing the common mode voltage from the
converter. The same holds true for the reference voltage. If
reference can be conveniently tied to analog COMMON, it
should be since this removes the common mode voltage
from the reference system.
Within the lC, analog COMMON is tied to an N channel FET
that can sink approximately 3mA of current to hold the volt-
age 2.8V below the positive supply (when a load is trying to
pull the common line positive). However, there is only 1
µA of
source current, so COMMON may easily be tied to a more
negative voltage thus overriding the internal reference.
FIGURE 5A.
FIGURE 5B.
FIGURE 5.
ICL7126
V+
REF LO
REF HI
V+
V-
6.8V
ZENER
IZ
ICL7126
V+
REF HI
REF LO
COMMON
V+
ICL8069
1.2V
REFERENCE
27k
200k
ICL7126


Similar Part No. - ICL7126CPLZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7126CPLZ INTERSIL-ICL7126CPLZ Datasheet
469Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Renesas Technology Corp
ICL7126CPLZ RENESAS-ICL7126CPLZ Datasheet
790Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
More results

Similar Description - ICL7126CPLZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Intersil Corporation
ICL7126CPL INTERSIL-ICL7126CPL Datasheet
469Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Analog Microelectronics
AME7106 AME-AME7106 Datasheet
1Mb / 20P
   3-1/2 Digit A/D Converter High Accuracy, Low Power
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
New Japan Radio
NJU9252 NJRC-NJU9252 Datasheet
237Kb / 6P
   2-DIGIT SINGLE CHIP A/D CONVERTER
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
New Japan Radio
NJU9201B NJRC-NJU9201B Datasheet
178Kb / 4P
   3.1/2 DIGIT SINGLE CHIP A/D CONVERTER
logo
Motorola, Inc
MC14433 MOTOROLA-MC14433 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com