Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDT323B-5 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # PDT323B-5
Description  5mm Low Profile Photo Darlington-Transistor T-1 3/4
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PDT323B-5 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  PDT323B-5 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PDT323B-5 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PDT323B-5 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PDT323B-5 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PDT323B-5 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PDT323B-5 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PDT323B-5 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.3
Page: 6 of 7
Device No:DPT-032-022
Prepared date:07-17-2004
Prepared by:Jaine Tsai
PDT323B-5
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO. Item
Test Conditions
Test Hours/
Cycles
Sample
Sizes
Failure
Judgement
Criteria
Ac/Re
1
Solder Heat
TEMP.:260℃±5℃
10secs
22pcs
0/1
2
Temperature Cycle H : +100℃
15mins
5mins
L : -40℃
15mins
50Cycles
22pcs
0/1
3
Thermal Shock
H :+100℃
5mins
10secs
L :-10℃
5mins
50Cycles
22pcs
0/1
4
High Temperature
Storage
TEMP.:+100℃
1000hrs
22pcs
0/1
5
Low Temperature
Storage
TEMP.:-40℃
1000hrs
22pcs
0/1
6
DC Operating Life
VCE=5V
1000hrs
22pcs
0/1
7
High Temperature/
High Humidity
85℃ / 85% R.H
1000hrs
22pcs
IC(ON)≦L×0.8
L:Lower
Specification
Limit
0/1


Similar Part No. - PDT323B-5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT3012 NIEC-PDT3012 Datasheet
271Kb / 5P
   THYRISTOR MODULE 30A /1200 to 1600V
PDT3012 NIEC-PDT3012 Datasheet
251Kb / 4P
   30A Avg 1200~1600 Volts
PDT3012 NIEC-PDT3012_1 Datasheet
251Kb / 4P
   30A Avg 1200~1600 Volts
PDT3016 NIEC-PDT3016 Datasheet
271Kb / 5P
   THYRISTOR MODULE 30A /1200 to 1600V
PDT3016 NIEC-PDT3016 Datasheet
251Kb / 4P
   30A Avg 1200~1600 Volts
More results

Similar Description - PDT323B-5

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT334-6C EVERLIGHT-PT334-6C_05 Datasheet
166Kb / 7P
   5mm Phototransistor T-1 3/4
PT334-6B EVERLIGHT-PT334-6B Datasheet
179Kb / 8P
   5mm Phototransistor,T-1 3/4
PT331C EVERLIGHT-PT331C Datasheet
167Kb / 7P
   5MM PHOTOTRANSISTOR T-1 3/4
PT334-6C EVERLIGHT-PT334-6C_09 Datasheet
157Kb / 7P
   5mm Phototransistor T-1 3/4
PT1504-6B EVERLIGHT-PT1504-6B Datasheet
168Kb / 7P
   5mm Phototransistor T-1 3/4
logo
Chicago Miniature Lamp,...
4304S CML-4304S Datasheet
63Kb / 1P
   Solid State LED Lamps-HighBrite Low Profile T-1 3/4 (5mm)
logo
Everlight Electronics C...
HIR323C-H0 EVERLIGHT-HIR323C-H0 Datasheet
181Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR313C EVERLIGHT-HIR313C Datasheet
188Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR8323-C16 EVERLIGHT-HIR8323-C16 Datasheet
161Kb / 7P
   5mm Infrared LED, T-1 3/4
IR8353-14C EVERLIGHT-IR8353-14C Datasheet
207Kb / 7P
   5mm Infrared LED , T-1 3/4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com