Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X79000 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X79000
Description  NV DAC with Selectable Output Range and Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X79000 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X79000 Datasheet HTML 2Page - Intersil Corporation X79000 Datasheet HTML 3Page - Intersil Corporation X79000 Datasheet HTML 4Page - Intersil Corporation X79000 Datasheet HTML 5Page - Intersil Corporation X79000 Datasheet HTML 6Page - Intersil Corporation X79000 Datasheet HTML 7Page - Intersil Corporation X79000 Datasheet HTML 8Page - Intersil Corporation X79000 Datasheet HTML 9Page - Intersil Corporation X79000 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN8147.0
March 17, 2005
Notes: 1. INL, DNL, Offset Error and Full Scale error measured at Vbuf with VFB connected to Vbuf.
2. The VL and VH levels are set using the configuration register according to the following table:
This setting corresponds to the nominal values of VH = 3.025V and VL = 0.151V
3. INL is measured at the maximum range of (VH-VL). INL varies inversely with the range of (VH-VL). DNL increases at lower
(VH-VL) ranges but the DAC retains montonicity.
4. Total offset error scales with VL according to (1% x VL) + 10mV and total full scale error scales with VH according to (1% x VH) + 10mV
5. Guaranteed by characterization, not 100% tested.
6. fSCK = 5MHz, using SPI interface test conditions on pg. 8.
ENDURANCE AND DATA RETENTION (VCC = 5V ±10%, TA = Full Operating Temprature Range)
SYMBOL TABLE
VPOR
Power-on reset threshold voltage
1.5
2.8
V
VRDY
RDY indicator minimum voltage
2.6
2.8
V
See figure 1.
TRDY
RDY indicator delay
100
6000
µs
2k
Ω and 100pF between Vcc and
RDY (4)
Address
VH2
VH1
VH0
VL2
VL1
VL0
Count 8
Count 10
3Ch
1
0
1
0
0
1
X
X
X = don’t care
Parameter
Minimum endurance
100,000
Data changes per bit
Data retention
10
Years
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions / Notes
FIGURE 1. RDY PIN TIMING
VRDY
V(RDY)
0V
TRDY
Device
Ready
Power-down
Device Disabled
VCC
Time
Time
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
VOUT
OE
tOEDIS
tOEVALID
Vbuf = High Impedance
Vbuf OUTPUT ENABLE TIMING
X79000, X79001, X79002


Similar Part No. - X79000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X79000 RENESAS-X79000 Datasheet
695Kb / 18P
   NV DAC with Selectable Output Range and Memory
More results

Similar Description - X79000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X79000 RENESAS-X79000 Datasheet
695Kb / 18P
   NV DAC with Selectable Output Range and Memory
logo
Dallas Semiconductor
DS1845 DALLAS-DS1845 Datasheet
105Kb / 13P
   Dual NV Potentiometer and Memory
logo
Maxim Integrated Produc...
DS1845 MAXIM-DS1845 Datasheet
202Kb / 14P
   Dual NV Potentiometer and Memory
011006
DS1846 MAXIM-DS1846 Datasheet
248Kb / 18P
   NV Tri-Potentiometer, Memory, and MicroMonitor
042902
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
logo
Intersil Corporation
X96011 INTERSIL-X96011 Datasheet
335Kb / 23P
   Temperature Sensor with Look Up Table Memory and DAC
X96011 INTERSIL-X96011_08 Datasheet
287Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
logo
Renesas Technology Corp
X96011 RENESAS-X96011 Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_14 Datasheet
1Mb / 56P
   Clock output with selectable frequency
03/13/14
logo
Systemsensor advanced i...
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com