Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X98017 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X98017
Description  170MHz Triple Video Digitizer with Digital PLL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X98017 Datasheet(HTML) 3 Page - Intersil Corporation

  X98017 Datasheet HTML 1Page - Intersil Corporation X98017 Datasheet HTML 2Page - Intersil Corporation X98017 Datasheet HTML 3Page - Intersil Corporation X98017 Datasheet HTML 4Page - Intersil Corporation X98017 Datasheet HTML 5Page - Intersil Corporation X98017 Datasheet HTML 6Page - Intersil Corporation X98017 Datasheet HTML 7Page - Intersil Corporation X98017 Datasheet HTML 8Page - Intersil Corporation X98017 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
FN8218.0
June 6, 2005
T
Absolute Maximum Ratings
Recommended Operating Conditions
Voltage on VA, VD, or VX
(referenced to GNDA=GNDD=GNDX) . . . . . . . . . . . . . . . . . . . 4.0V
Voltage on any analog input pin
(referenced to GNDA) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VA
Voltage on any digital input pin
(referenced to GNDD) . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
Current into any output pin
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±20mA
Operating Temperature range . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125
°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65
°C to +150°C
Temperature (Commercial) . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . VA = VD = VX = 3.3V
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional
operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Electrical Specifications
Specifications apply for VA = VD = VX = 3.3V, pixel rate = 170MHz, fXTAL = 25MHz, TA = 25°C,
unless otherwise noted
SYMBOL
PARAMETER
COMMENT
MIN
TYP
MAX
UNIT
FULL CHANNEL CHARACTERISTICS
ADC Resolution
8Bits
Missing Codes
Guaranteed monotonic
None
Conversion Rate
Per Channel
10
170
MHz
DNL
Differential Non-Linearity
±0.5
+1.0
-0.9
LSB
INL
Integral Non-Linearity
±1.1
±3.25
LSB
Gain Adjustment Range
±6
dB
Gain Adjustment Resolution
8Bits
Gain Matching Between Channels
Percent of full scale
±1
%
Full Channel Offset Error, ABLC™ enabled ADC LSBs, over time and temperature
±0.125
±0.5
LSB
Offset Adjustment Range, ABLC™
enabled or disabled
ADC LSBs (see ABLC™ applications
information section)
±127
LSB
Overvoltage Recovery Time
For 150% overrange, maximum bandwidth
setting
5ns
ANALOG VIDEO INPUT CHARACTERISTICS (RIN1, GIN1, BIN1, RIN2, GIN2, BIN2)
Input Range
0.35
0.7
1.4
VP-P
Input Bias Current
DC restore clamp off
±0.01
±1
µA
Input Capacitance
5pF
Full Power Bandwidth
Programmable
780
MHz
INPUT CHARACTERISTICS (SOGIN1, SOGIN2)
VIH/VIL
Input Threshold Voltage
Programmable - See Register Listing for
Details
0 to
-0.3
V
Hysteresis
Centered around threshold voltage
40
mV
Input capacitance
5pF
INPUT CHARACTERISTICS (HSYNCIN1, HSYNCIN2)
VIH/VIL
Input Threshold Voltage
Programmable - See Register Listing for
Details
0.4 to 3.2
V
Hysteresis
Centered around threshold voltage
240
mV
RIN
Input impedance
1.2
k
Ω
X98017


Similar Part No. - X98017

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X98017 INTERSIL-X98017 Datasheet
449Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98017 RENESAS-X98017 Datasheet
1Mb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
X98017 INTERSIL-X98017 Datasheet
443Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
March 8, 2006
X98017L128-3.3 INTERSIL-X98017L128-3.3 Datasheet
449Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98017L128-3.3 RENESAS-X98017L128-3.3 Datasheet
1Mb / 29P
   170MHz Triple Video Digitizer with Digital PLL
More results

Similar Description - X98017

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X98017 INTERSIL-X98017_06 Datasheet
449Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98017 RENESAS-X98017 Datasheet
1Mb / 29P
   170MHz Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
X98017 INTERSIL-X98017_14 Datasheet
443Kb / 29P
   170MHz Triple Video Digitizer with Digital PLL
March 8, 2006
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98001 INTERSIL-ISL98001_06 Datasheet
488Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com