Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X79001V20I Datasheet(PDF) 4 Page - Intersil Corporation

Part # X79001V20I
Description  NV DAC with Selectable Output Range and Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X79001V20I Datasheet(HTML) 4 Page - Intersil Corporation

  X79001V20I Datasheet HTML 1Page - Intersil Corporation X79001V20I Datasheet HTML 2Page - Intersil Corporation X79001V20I Datasheet HTML 3Page - Intersil Corporation X79001V20I Datasheet HTML 4Page - Intersil Corporation X79001V20I Datasheet HTML 5Page - Intersil Corporation X79001V20I Datasheet HTML 6Page - Intersil Corporation X79001V20I Datasheet HTML 7Page - Intersil Corporation X79001V20I Datasheet HTML 8Page - Intersil Corporation X79001V20I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN8147.0
March 17, 2005
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to Vss
Temperature under bias ........................ -40°C to 85°C
Storage temperature ......................... -65°C to +150°C
Voltage on every pin except Vcc ............. -0.5V to +7V
Voltage on Vcc Pin .....................................-0.5V to 6V
D.C. Output Current at pins SO and RDY............ 5 mA
D.C. Output Current at pins VL, VH,
VFB, Vout and Vref ............................. -0.50 to 1 mA
VBUF output short circuit duration............. 10 seconds
Lead temperature (soldering, 10 seconds) ........ 300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or an other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, all typical values are for 25°C ambient temperature and 5V at pin Vcc. Maximum and minimum
specifications are over the recommended operating conditions. All voltages are referred to the voltage at pin Vss. All bits in
control registers are “0”. SPI interface in “standby” (see notes 1 and 2 on page 6). Output pins unloaded. Input pins floating.
DAC input is 000hex.)
Parameter
Min.
Max.
Units
Temperature
-40
+85
°C
Voltage on Vcc Pin
4.5
5.5
V
Voltage on any other Pin
-0.3
Vcc +0.3
V
Parameter
Min
Typ
Max
Units
Notes
Buffered DAC and Reference
Resolution
12
bit
INL
±10
LSB
(1)(2)(3) VL = 0.151V, VH = 3.025V
DNL
-0.5
0.5
LSB
Total Offset Error
12
mV
(1)(2)(4) VL = 0.151V, VH = 3.025V
Total Fullscale Error
22
mV
Total Offset Error Drift
50
ppm/°C
(1)(2)(4) VL = 0.151V, VH = 3.025V
Total Fullscale Error Drift
50
ppm/°C
Settling time to 1 LSB
2
10
µs
Step size
≤ 100mV (2)(5)
6
30
µs
Step size up to full scale (2)(5)
Buffer Only
Output Buffer Offset
-6
6
mV
150mV < Vout < VCC - 150mV
Output Buffer Offset Drift
-20
20
µV/°C
(5)
DC PSRR
-1.5
+1.5
mV/V
(5)
Vbuf output slew rate
0.2
V/µs
Output Buffer 3dB Bandwidth
300
1000
kHz
150mV < (V(VFB) =
V(Vbuf)) < VCC – 150mV (5)
Digital feed through
10
nV•sec
(6)
Output load regulation
-1
1
mV/mA
140mV
≤ V(Vbuf) ≤ V
CC-140mV
I(Vbuf) = ±1mA
Short circuit current @ Vbuf
50
mA
V(Vbuf) = VCC or 0V
Capacitive Loading Stability
100
pF
Rload
≥ 2kΩ (5)
X79000, X79001, X79002


Similar Part No. - X79001V20I

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
X7900 INTEL-X7900 Datasheet
1Mb / 87P
   Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
logo
Renesas Technology Corp
X79000 RENESAS-X79000 Datasheet
695Kb / 18P
   NV DAC with Selectable Output Range and Memory
More results

Similar Description - X79001V20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X79000 RENESAS-X79000 Datasheet
695Kb / 18P
   NV DAC with Selectable Output Range and Memory
logo
Dallas Semiconductor
DS1845 DALLAS-DS1845 Datasheet
105Kb / 13P
   Dual NV Potentiometer and Memory
logo
Maxim Integrated Produc...
DS1845 MAXIM-DS1845 Datasheet
202Kb / 14P
   Dual NV Potentiometer and Memory
011006
DS1846 MAXIM-DS1846 Datasheet
248Kb / 18P
   NV Tri-Potentiometer, Memory, and MicroMonitor
042902
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
logo
Intersil Corporation
X96011 INTERSIL-X96011 Datasheet
335Kb / 23P
   Temperature Sensor with Look Up Table Memory and DAC
X96011 INTERSIL-X96011_08 Datasheet
287Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
logo
Renesas Technology Corp
X96011 RENESAS-X96011 Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_14 Datasheet
1Mb / 56P
   Clock output with selectable frequency
03/13/14
logo
Systemsensor advanced i...
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com