Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X79001V20I Datasheet(PDF) 9 Page - Intersil Corporation

Part # X79001V20I
Description  NV DAC with Selectable Output Range and Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X79001V20I Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X79001V20I Datasheet HTML 5Page - Intersil Corporation X79001V20I Datasheet HTML 6Page - Intersil Corporation X79001V20I Datasheet HTML 7Page - Intersil Corporation X79001V20I Datasheet HTML 8Page - Intersil Corporation X79001V20I Datasheet HTML 9Page - Intersil Corporation X79001V20I Datasheet HTML 10Page - Intersil Corporation X79001V20I Datasheet HTML 11Page - Intersil Corporation X79001V20I Datasheet HTML 12Page - Intersil Corporation X79001V20I Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN8147.0
March 17, 2005
SPI OUTPUT TIMING
SERIAL OUTPUT TIMING
Note:
1. These parameters are periodically sampled and not 100% tested.
Symbol
Parameter
Min.
Max.
Unit
fSCK
Clock Frequency
5
MHz
tCYC
Cycle Time
200
ns
tDIS (1)
Output Disable Time
50
ns
tV (1)
Output Valid from Clock Low
80
ns
tHO
Output Hold Time
0
ns
tRO (1)
Output Rise Time
25
ns
tFO (1)
Output Fall Time
25
ns
...
CS
SCK
SO
SI
ADDR
MSB
LSB
tDIS
tHO
tV
...
tCYC
LSB
tWH
tWL
tLAG
X79000, X79001, X79002


Similar Part No. - X79001V20I

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
X7900 INTEL-X7900 Datasheet
1Mb / 87P
   Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
logo
Renesas Technology Corp
X79000 RENESAS-X79000 Datasheet
695Kb / 18P
   NV DAC with Selectable Output Range and Memory
More results

Similar Description - X79001V20I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X79000 RENESAS-X79000 Datasheet
695Kb / 18P
   NV DAC with Selectable Output Range and Memory
logo
Dallas Semiconductor
DS1845 DALLAS-DS1845 Datasheet
105Kb / 13P
   Dual NV Potentiometer and Memory
logo
Maxim Integrated Produc...
DS1845 MAXIM-DS1845 Datasheet
202Kb / 14P
   Dual NV Potentiometer and Memory
011006
DS1846 MAXIM-DS1846 Datasheet
248Kb / 18P
   NV Tri-Potentiometer, Memory, and MicroMonitor
042902
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
logo
Intersil Corporation
X96011 INTERSIL-X96011 Datasheet
335Kb / 23P
   Temperature Sensor with Look Up Table Memory and DAC
X96011 INTERSIL-X96011_08 Datasheet
287Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
logo
Renesas Technology Corp
X96011 RENESAS-X96011 Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_14 Datasheet
1Mb / 56P
   Clock output with selectable frequency
03/13/14
logo
Systemsensor advanced i...
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com