Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMM5321204C2WG Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KMM5321204C2WG
Description  1Mx32 DRAM SIMM (1MX16 Base)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5321204C2WG Datasheet(HTML) 4 Page - Samsung semiconductor

  KMM5321204C2WG Datasheet HTML 1Page - Samsung semiconductor KMM5321204C2WG Datasheet HTML 2Page - Samsung semiconductor KMM5321204C2WG Datasheet HTML 3Page - Samsung semiconductor KMM5321204C2WG Datasheet HTML 4Page - Samsung semiconductor KMM5321204C2WG Datasheet HTML 5Page - Samsung semiconductor KMM5321204C2WG Datasheet HTML 6Page - Samsung semiconductor KMM5321204C2WG Datasheet HTML 7Page - Samsung semiconductor KMM5321204C2WG Datasheet HTML 8Page - Samsung semiconductor KMM5321204C2WG Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DRAM MODULE
KMM5321204C2W/C2WG
Rev. 0.0 (Nov. 1997)
- 4 -
FUNCTIONAL BLOCK DIAGRAM
RAS0
W
A0-A9
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
RAS
LCAS
UCAS
OE
W A0-A9
CAS0
CAS1
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
RAS
LCAS
UCAS
OE
W
A0-A9
CAS2
CAS3
Vcc
Vss
.1 or .22uF Capacitor
for each DRAM
To all DRAMs
U0
U1


Similar Part No. - KMM5321204C2WG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5321200C2W SAMSUNG-KMM5321200C2W Datasheet
277Kb / 17P
   1Mx32 DRAM SIMM (1MX16 Base)
KMM5321200C2WG SAMSUNG-KMM5321200C2WG Datasheet
277Kb / 17P
   1Mx32 DRAM SIMM (1MX16 Base)
More results

Similar Description - KMM5321204C2WG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5321200C2W SAMSUNG-KMM5321200C2W Datasheet
277Kb / 17P
   1Mx32 DRAM SIMM (1MX16 Base)
KMM5322204C2W SAMSUNG-KMM5322204C2W Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5361203C2W SAMSUNG-KMM5361203C2W Datasheet
280Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh
KMM5361205C2W SAMSUNG-KMM5361205C2W Datasheet
289Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5362205C2W SAMSUNG-KMM5362205C2W Datasheet
296Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5362203C2W SAMSUNG-KMM5362203C2W Datasheet
284Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh, 5V
logo
White Electronic Design...
EDI416S4030A WEDC-EDI416S4030A Datasheet
1Mb / 27P
   1Mx16 Bits x 4 Banks Synchronous DRAM
logo
Hanbit Electronics Co.,...
HMD1M32M2EG HANBIT-HMD1M32M2EG Datasheet
66Kb / 7P
   4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com