Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMM5322204C2W Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KMM5322204C2W
Description  2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5322204C2W Datasheet(HTML) 1 Page - Samsung semiconductor

  KMM5322204C2W Datasheet HTML 1Page - Samsung semiconductor KMM5322204C2W Datasheet HTML 2Page - Samsung semiconductor KMM5322204C2W Datasheet HTML 3Page - Samsung semiconductor KMM5322204C2W Datasheet HTML 4Page - Samsung semiconductor KMM5322204C2W Datasheet HTML 5Page - Samsung semiconductor KMM5322204C2W Datasheet HTML 6Page - Samsung semiconductor KMM5322204C2W Datasheet HTML 7Page - Samsung semiconductor KMM5322204C2W Datasheet HTML 8Page - Samsung semiconductor KMM5322204C2W Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DRAM MODULE
KMM5322204C2W/C2WG
Rev. 0.0 (Nov. 1997)
- 1 -
2Mx32 DRAM SIMM
Revision 0.0
November 1997
(1MX16 Base)


Similar Part No. - KMM5322204C2W

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5322200C2WG SAMSUNG-KMM5322200C2WG Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
More results

Similar Description - KMM5322204C2W

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5362203C2W SAMSUNG-KMM5362203C2W Datasheet
284Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh, 5V
KMM5322104CKU SAMSUNG-KMM5322104CKU Datasheet
274Kb / 15P
   2M x 32 DRAM SIMM using 2Mx8 , 2K Refresh, 5V
KMM5362205C2W SAMSUNG-KMM5362205C2W Datasheet
296Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5361203C2W SAMSUNG-KMM5361203C2W Datasheet
280Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM5324000BSW SAMSUNG-KMM5324000BSW Datasheet
357Kb / 18P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5324004CSW SAMSUNG-KMM5324004CSW Datasheet
435Kb / 21P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5328004CSW SAMSUNG-KMM5328004CSW Datasheet
440Kb / 21P
   8M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM53216004CK SAMSUNG-KMM53216004CK Datasheet
445Kb / 21P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com