Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMM5324104CK Datasheet(PDF) 11 Page - Samsung semiconductor

Part # KMM5324104CK
Description  4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5324104CK Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button KMM5324104CK Datasheet HTML 7Page - Samsung semiconductor KMM5324104CK Datasheet HTML 8Page - Samsung semiconductor KMM5324104CK Datasheet HTML 9Page - Samsung semiconductor KMM5324104CK Datasheet HTML 10Page - Samsung semiconductor KMM5324104CK Datasheet HTML 11Page - Samsung semiconductor KMM5324104CK Datasheet HTML 12Page - Samsung semiconductor KMM5324104CK Datasheet HTML 13Page - Samsung semiconductor KMM5324104CK Datasheet HTML 14Page - Samsung semiconductor KMM5324104CK Datasheet HTML 15Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DRAM MODULE
KMM5324104CK/CKG
KMM5324004CK/CKG
HIDDEN REFRESH CYCLE ( READ )
DATA-OUT
tRP
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
ROW
ADDRESS
tRAS
tRC
tCHR
tRCD
tRSH
tRAD
tASR
tRAH
tASC
tCRP
Don
′t care
Undefined
VOH -
VOL -
DQ
tWRH
tRRH
COLUMN
ADDRESS
tRAS
tRC
tCAH
tRCS
tAA
tRAC
tCLZ
tCAC
tCEZ
OPEN
tRP
tWEZ
tREZ
tWRP


Similar Part No. - KMM5324104CK

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5324100CK SAMSUNG-KMM5324100CK Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5324100CKG SAMSUNG-KMM5324100CKG Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
More results

Similar Description - KMM5324104CK

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5324000CK SAMSUNG-KMM5324000CK Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5328000CK SAMSUNG-KMM5328000CK Datasheet
271Kb / 15P
   8M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5324000BSW SAMSUNG-KMM5324000BSW Datasheet
357Kb / 18P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5324004CSW SAMSUNG-KMM5324004CSW Datasheet
435Kb / 21P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5324004BSW SAMSUNG-KMM5324004BSW Datasheet
401Kb / 19P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5364005CK SAMSUNG-KMM5364005CK Datasheet
277Kb / 15P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K, Refresh, 5V
KMM5364003CK SAMSUNG-KMM5364003CK Datasheet
286Kb / 17P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
KMM5364005BSW SAMSUNG-KMM5364005BSW Datasheet
393Kb / 19P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003BSW SAMSUNG-KMM5364003BSW Datasheet
351Kb / 18P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003CSW SAMSUNG-KMM5364003CSW Datasheet
391Kb / 20P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com