Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1205IRGERG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1205IRGERG4
Description  TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1205IRGERG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1205IRGERG4 Datasheet HTML 1Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 2Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 3Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 4Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 5Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 6Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 7Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 8Page - Texas Instruments ADS1205IRGERG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ADS1205
SBAS312A − JANUARY 2005 − REVISED APRIL 2005
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating free-air temperature range at −40
°C to +85°C, AVDD = 5V, BVDD = 3V, CH x+ = 0.5V to 4.5V, CH x− = 2.5V,
REFIN = REFOUT = internal +2.5V, CLKIN = 20MHz, and 16-bit Sinc3 filter with decimation by 256, unless otherwise noted.
PARAMETER
UNITS
ADS1205I
TEST CONDITIONS
PARAMETER
UNITS
MAX
TYP(1)
MIN
TEST CONDITIONS
Digital Inputs(7)
Logic family
LVCMOS
VIH
High-level input voltage
BVDD = 3.6V
2
BVDD+0.3
V
VIL
Low-level input voltage
BVDD = 2.7V
−0.3
0.8
V
IIN
Input current
VI = BVDD or GND
±50
nA
CI
Input capacitance
5
pF
Digital Outputs(7)
Logic family
LVCMOS
VOH
High-level output voltage
BVDD = 2.7V, IOH = −100µA
BVDD−0.2
V
VOL
Low-level output voltage
BVDD = 2.7V, IOL = +100µA
0.2
V
CO
Output capacitance
5
pF
CL
Load capacitance
30
pF
Data format
Bit Stream
Power Supply
AVDD
Analog supply voltage
4.5
5.5
V
BVDD
Buffer I/O supply voltage
Low-voltage levels
2.7
3.6
V
BVDD
Buffer I/O supply voltage
5V logic levels
4.5
5.5
V
AIDD
Analog operating supply current
CLKSEL = 1
11.8
16
mA
AIDD
Analog operating supply current
CLKSEL = 0
11.4
15.5
mA
BIDD
Buffer I/O operating supply current
BVDD = 3V, CLKOUT = 10MHz
2
mA
BIDD
Buffer I/O operating supply current
BVDD = 5V, CLKOUT = 10MHz
2
mA
Power dissipation
CLKSEL = 0
57
77.5
mW
Power dissipation
CLKSEL = 1
59
80
mW
(1) All typical values are at TA = +25°C.
(2) Integral nonlinearity is defined as the maximum deviation of the line through the end points of the specified input range of the transfer curve
for CH x+ = −2V to +2V at 2.5V, expressed either as the number of LSBs or as a percent of measured input range (4V).
(3) Ensured by design.
(4) Maximum values, including temperature drift, are ensured over the full specified temperature range.
(5) With reduced accuracy, the clock frequency can go from 1MHz to 33MHz.
(6) Applicable for 5.0V nominal supply: BVDD (min) = 4.5V and BVDD (max) = 5.5V.
(7) Applicable for 3.0V nominal supply: BVDD (min) = 2.7V and BVDD (max) = 3.6V.
EQUIVALENT INPUT CIRCUIT
R
ON
650
C
(SAMPLE)
1pF
BV
DD
D
IN
BGND
AV
DD
A
IN
AGND
Diode Turn−On Voltage: 0.35V
Equivalent Digital Input Circuit
Equivalent Analog Input Circuit


Similar Part No. - ADS1205IRGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1205IRGERG4 TI1-ADS1205IRGERG4 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
More results

Similar Description - ADS1205IRGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205_14 Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com