Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMM53216004BK Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KMM53216004BK
Description  16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM53216004BK Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KMM53216004BK Datasheet HTML 3Page - Samsung semiconductor KMM53216004BK Datasheet HTML 4Page - Samsung semiconductor KMM53216004BK Datasheet HTML 5Page - Samsung semiconductor KMM53216004BK Datasheet HTML 6Page - Samsung semiconductor KMM53216004BK Datasheet HTML 7Page - Samsung semiconductor KMM53216004BK Datasheet HTML 8Page - Samsung semiconductor KMM53216004BK Datasheet HTML 9Page - Samsung semiconductor KMM53216004BK Datasheet HTML 10Page - Samsung semiconductor KMM53216004BK Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DRAM MODULE
KMM53216004BK/BKG
tWCS
NOTE : DOUT = OPEN
WRITE CYCLE ( EARLY WRITE )
RAS
VIH -
VIL -
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
OE
VIH -
VIL -
VIH -
VIL -
COLUMN
ADDRESS
ROW
ADDRESS
tRAS
tRC
tCRP
tRP
tCSH
tRSH
tRCD
tCAS
tRAL
tRAD
tASR
tRAH
tASC
tCAH
tCRP
Don
′t care
Undefined
tWCH
tWP
CAS
tRWL
tCWL
tDS
tDH
DATA-IN
DQ


Similar Part No. - KMM53216004BK

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM53216004CK SAMSUNG-KMM53216004CK Datasheet
445Kb / 21P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216004CKG SAMSUNG-KMM53216004CKG Datasheet
445Kb / 21P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results

Similar Description - KMM53216004BK

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM53216004CK SAMSUNG-KMM53216004CK Datasheet
445Kb / 21P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216000CK SAMSUNG-KMM53216000CK Datasheet
397Kb / 20P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216000BK SAMSUNG-KMM53216000BK Datasheet
364Kb / 18P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53616000BK SAMSUNG-KMM53616000BK Datasheet
371Kb / 18P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53232004CK SAMSUNG-KMM53232004CK Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000CK SAMSUNG-KMM53232000CK Datasheet
412Kb / 20P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000BK SAMSUNG-KMM53232000BK Datasheet
376Kb / 18P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53616004CK SAMSUNG-KMM53616004CK Datasheet
453Kb / 21P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53616000CK SAMSUNG-KMM53616000CK Datasheet
410Kb / 20P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com