Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8551IDGK Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC8551IDGK
Description  16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8551IDGK Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8551IDGK Datasheet HTML 5Page - Texas Instruments DAC8551IDGK Datasheet HTML 6Page - Texas Instruments DAC8551IDGK Datasheet HTML 7Page - Texas Instruments DAC8551IDGK Datasheet HTML 8Page - Texas Instruments DAC8551IDGK Datasheet HTML 9Page - Texas Instruments DAC8551IDGK Datasheet HTML 10Page - Texas Instruments DAC8551IDGK Datasheet HTML 11Page - Texas Instruments DAC8551IDGK Datasheet HTML 12Page - Texas Instruments DAC8551IDGK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
VDD = 5 V,
VREF = 4.096 V
From Code: 8010
To Code: 8000
Glitch: 0.08 nV-s
Time 400 ns/div
VDD = 5 V,
VREF = 4.096 V
From Code: 8000
To Code: 8010
Glitch: 0.04 nV-s
Time 400 ns/div
VDD = 5 V,
VREF= 4.096 V
From Code: 80FF
To Code: 8000
Glitch: Not Detected
Theoretical Worst Case
Time 400 ns/div
VDD = 5 V,
VREF = 4.096 V
From Code: 8000
To Code: 80FF
Glitch: Not Detected
Theoretical Worst Case
Time 400 ns/div
84
86
88
90
92
94
96
98
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
f − Output Frequency − kHz
VDD = VREF = 5 V
−1 dB FSR Digital Input, Fs = 1 MSPS
Measurement Bandwidth = 20 kHz
−100
−90
−80
−70
−60
−50
−40
0
1
2
3
4
5
Output Tone − kHz
THD
2nd Harmonic
3rd Harmonic
−1dB FSR Digital Input, Fs = 1 MSPS
Measurement Bandwidth = 20 kHz
VDD = 5 V, VREF = 4.9 V
DAC8551
SLAS429A – APRIL 2005 – REVISED JULY 2005
TYPICAL CHARACTERISTICS: V
DD = 5 V (continued)
At T
A = 25°C, unless otherwise noted
GLITCH ENERGY: 5-V, 16-LSB STEP, RISING EDGE
GLITCH ENERGY: 5-V, 16-LSB STEP, FALLING EDGE
Figure 19.
Figure 20.
GLITCH ENERGY: 5-V, 256-LSB STEP, RISING EDGE
GLITCH ENERGY: 5-V, 256-LSB STEP, FALLING EDGE
Figure 21.
Figure 22.
TOTAL HARMONIC DISTORTION
SIGNAL-TO-NOISE RATIO
vs
vs
OUTPUT FREQUENCY
OUTPUT FREQUENCY
Figure 23.
Figure 24.
9


Similar Part No. - DAC8551IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551IDGKR TI1-DAC8551IDGKR Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
DAC8551IDGKRG4 TI1-DAC8551IDGKRG4 Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
DAC8551IDGKT TI1-DAC8551IDGKT Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
DAC8551IDGKTG4 TI1-DAC8551IDGKTG4 Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
More results

Similar Description - DAC8551IDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com