Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8551IDGKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8551IDGKR
Description  16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8551IDGKR Datasheet(HTML) 1 Page - Texas Instruments

  DAC8551IDGKR Datasheet HTML 1Page - Texas Instruments DAC8551IDGKR Datasheet HTML 2Page - Texas Instruments DAC8551IDGKR Datasheet HTML 3Page - Texas Instruments DAC8551IDGKR Datasheet HTML 4Page - Texas Instruments DAC8551IDGKR Datasheet HTML 5Page - Texas Instruments DAC8551IDGKR Datasheet HTML 6Page - Texas Instruments DAC8551IDGKR Datasheet HTML 7Page - Texas Instruments DAC8551IDGKR Datasheet HTML 8Page - Texas Instruments DAC8551IDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
Shift Register
16
DAC Register
16
16−Bit DAC
Ref (+)
Resistor
Network
VDD
GND
V
OUT
V
FB
SYNC
V
REF
SCLK
D
IN
PWD Control
DAC8551
SLAS429A – APRIL 2005 – REVISED JULY 2005
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
DIGITAL-TO-ANALOG CONVERTER
16-Bit Monotonic Over Temperature
The DAC8551 is a small, low-power, voltage output,
16-bit
digital-to-analog
converter
(DAC).
It
is
Relative Accuracy: 8 LSB (Max)
monotonic, provides good linearity, and minimizes
Glitch Energy: 0.1 nV-s
undesired
code-to-code
transient
voltages.
The
Settling Time: 10 µs to
±0.003% FSR
DAC8551 uses a versatile 3-wire serial interface that
Power Supply: +2.7 V to +5.5 V
operates at clock rates to 30 MHz and is compatible
with standard SPI™, QSPI™, Microwire™, and digital
MicroPower Operation: 200 µA at 5 V
signal processor (DSP) interfaces.
Rail-to-Rail Output Amplifier
The DAC8551 requires an external reference voltage
Power-On Reset to Zero
to set its output range. The DAC8551 incorporates a
Power-Down Capability
power-on-reset circuit that ensures the DAC output
Schmitt-Triggered Digital Inputs
powers up at 0 V and remains there until a valid write
takes place to the device. The DAC8551 contains a
SYNC Interrupt Facility
power-down
feature,
accessed
over
the
serial
Drop-In Compatible With DAC8531/01
interface, that reduces the current consumption of the
Operating Temperature Range: -40
°C to 105°C
device to 200 nA at 5 V.
Available Package:
The low-power consumption of this device in normal
– 3 mm
× 5 mm MSOP-8
operation makes it ideally suited for portable battery-
operated equipment. The power consumption is
1.00 mW at 5 V, reducing to 1 µW in power-down
mode.
Process Control
The DAC8551 is available in an MSOP-8 package.
Data Acquisition Systems
Closed-Loop Servo-Control
PC Peripherals
Portable Instrumentation
Programmable Attenuation
FUNCTIONAL BLOCK DIAGRAM
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI, QSPI are trademarks of Motorola.
Microwire is a trademark of National Semiconductor.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8551IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551IDGKR TI1-DAC8551IDGKR Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
DAC8551IDGKRG4 TI1-DAC8551IDGKRG4 Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
More results

Similar Description - DAC8551IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com