Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8551IDGKRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8551IDGKRG4
Description  16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8551IDGKRG4 Datasheet(HTML) 2 Page - Texas Instruments

  DAC8551IDGKRG4 Datasheet HTML 1Page - Texas Instruments DAC8551IDGKRG4 Datasheet HTML 2Page - Texas Instruments DAC8551IDGKRG4 Datasheet HTML 3Page - Texas Instruments DAC8551IDGKRG4 Datasheet HTML 4Page - Texas Instruments DAC8551IDGKRG4 Datasheet HTML 5Page - Texas Instruments DAC8551IDGKRG4 Datasheet HTML 6Page - Texas Instruments DAC8551IDGKRG4 Datasheet HTML 7Page - Texas Instruments DAC8551IDGKRG4 Datasheet HTML 8Page - Texas Instruments DAC8551IDGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
ELECTRICAL CHARACTERISTICS
DAC8551
SLAS429A – APRIL 2005 – REVISED JULY 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGING/ORDERING INFORMATION
MINIMUM
DIFFERENTIAL
SPECIFICATION
TRANSPORT
RELATIVE
PACKAGE
PACKAGE
PACKAGE
ORDERING
PRODUCT
NONLINEARITY
TEMPERATURE
MEDIA,
ACCURACY
LEAD
DESIGNATOR(1)
MARKING
NUMBER
(LSB)
RANGE
QUANTITY
(LSB)
DAC8551IDGK
Tube, 80
DAC8551I
±8
±1
MSOP-8
DGK
–40
°C TO 105°C
D81
DAC8551IDGKT
Tape and Reel, 250
DAC8551IDGKR
Tape and Reel, 2500
(1)
For the most current specifications and package information, refer to our web site at www.ti.com.
UNIT
VDD to GND
–0.3 V to 6 V
Digital input voltage to GND
–0.3 V to +VDD + 0.3 V
VOUT to GND
–0.3 V to +VDD + 0.3 V
Operating temperature range
–40
°C to 105°C
Storage temperature range
–65
°C to 150°C
Junction temperature range (TJ max)
150
°C
Power dissipation (DGK)
(TJmax – TA)/θJA
θ
JA Thermal impedance
206
°C/W
θ
JC Thermal impedance
44
°C/W
Vapor phase (60 s)
215
°C
Lead temperature, soldering
Infrared (15 s)
220
°C
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
V
DD = 2.7 V to 5.5 V,– 40°C to 105°C range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
16
Bits
Relative accuracy
Measured by line passing through codes 485 and 64741
±3
±8
LSB
Differential nonlinearity
16-bit Monotonic
±0.25
±1
LSB
Zero-code error
±2
±12
mV
Full-scale error
Measured by line passing through codes 485 and 64741.
±0.05
±0.5
% of FSR
Gain error
±0.02 ±0.15
% of FSR
Zero-code error drift
±5
µV/
°C
Gain temperature coefficient
±1
ppm of FSR/
°C
8
mV
Power supply rejection ratio
RL = 2 kΩ, CL = 200 pF
(PSRR)
0.75
mV/V
(1)
Linearity calculated using a reduced code range of 485 to 64741; output unloaded.
2


Similar Part No. - DAC8551IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551IDGKRG4 TI1-DAC8551IDGKRG4 Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
More results

Similar Description - DAC8551IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com