Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9105-001 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS9105-001
Description  iButton Number Set
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9105-001 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS9105-001 Datasheet HTML 1Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 of 1
070302
DS9105
iButton Number Set
www.maxim-ic.com
FEATURES
§ DS1982-based iButtons branded with their
respective character for optimum legibility
§ 128 bytes of user-programmable EPROM in
each iButton for maximum flexibility
§ Available as set of 12 (as shown in the
graphic) or as individual iButtons
ORDERING INFORMATION
DS9105-SET
COMPLETE SET OF 12
DS9105-000
NUMBER ZERO
DS9105-001
NUMBER ONE
DS9105-002
NUMBER TWO
DS9105-003
NUMBER THREE
DS9105-004
NUMBER FOUR
DS9105-005
NUMBER FIVE
DS9105-006
NUMBER SIX
DS9105-007
NUMBER SEVEN
DS9105-008
NUMBER EIGHT
DS9105-009
NUMBER NINE
DS9105-00C
CLEAR
DS9105-00E
ENTER
EXAMPLES OF ACCESSORIES
DS9096P
Self-Stick Adhesive Pad
DS9092GT
iButton Wand
DS9097U
COM-Port Adapter
DS9106
iButton Halos
DS9093RA
iButton Lock Ring
DS9093RB
iButton Flange Enlargement
DESCRIPTION
Unlike conventional keypads, where data is entered by pressing a mechanical key, the solid buttons of an
iButton keypad allow users to enter data by simply touching each button with an iButton probe or
handheld computer. Each of these buttons comes from the factory with blank memory, allowing the user
to program each button with whatever data the user would like entered when touched. The iButton
keypad is a simple, robust alternative for data entry in harsh environments such as outdoors, industrial
workplaces and other locations, where a normal keypad is impractical to operate. Since iButtons are made
from stainless steel, this keypad is easily cleaned with hot water and detergent.
The individual iButtons that comprise the keypad can be arranged as desired to maximize ease of use.
They can be stuck on a smooth surface using adhesive pads or mounted through 16.5mm holes in a rigid
material and fastened by lock rings. The material thickness should not exceed 3.0mm. For a detailed
description of the communication protocol and the electrical characteristics of the iButton used in this
keypad, please refer to the DS1982 data sheet.
iButton is a registered trademark of Dallas Semiconductor.


Similar Part No. - DS9105-001

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9105-001 DALLAS-DS9105-001 Datasheet
56Kb / 2P
   iButton Number Set
logo
Maxim Integrated Produc...
DS9105-001# MAXIM-DS9105-001# Datasheet
56Kb / 2P
   based iButtons branded with their respective character for optimum legibility
Rev 8/09
More results

Similar Description - DS9105-001

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9105 DALLAS-DS9105_09 Datasheet
56Kb / 2P
   iButton Number Set
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
   Serial Number iButton
logo
Maxim Integrated Produc...
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
   Serial Number iButton
Rev: 10/08
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
   Serial Number iButton
Rev 4; 8/10
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
   Serial Number iButton
Rev 4; 8/10
logo
Samtec, Inc
ASP-148422-01 SAMTEC-ASP-148422-01 Datasheet
339Kb / 2P
   1. SET UP ASP PART NUMBER FOR INDUSTRY STANDARD.
logo
Dallas Semiconductor
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
   SHA iButton
logo
Maxim Integrated Produc...
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
   iButton Probe
8/09
DS9107 MAXIM-DS9107 Datasheet
143Kb / 3P
   iButton Capsule
11/09
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
   Temperature iButton
Rev 8/09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com