Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM51S4260C Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HM51S4260C
Description  262,144-word x 16-bit Dynamic Random Access Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM51S4260C Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HM51S4260C Datasheet HTML 2Page - Hitachi Semiconductor HM51S4260C Datasheet HTML 3Page - Hitachi Semiconductor HM51S4260C Datasheet HTML 4Page - Hitachi Semiconductor HM51S4260C Datasheet HTML 5Page - Hitachi Semiconductor HM51S4260C Datasheet HTML 6Page - Hitachi Semiconductor HM51S4260C Datasheet HTML 7Page - Hitachi Semiconductor HM51S4260C Datasheet HTML 8Page - Hitachi Semiconductor HM51S4260C Datasheet HTML 9Page - Hitachi Semiconductor HM51S4260C Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
HM514260C, HM51S4260C Series
6
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Voltage on any pin relative to V
SS
V
T
–1.0 to +7.0
V
Supply voltage relative to V
SS
V
CC
–1.0 to +7.0
V
Short circuit output current
Iout
50
mA
Power dissipation
P
T
1.0
W
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Recommended DC Operating Conditions (Ta = 0 to +70
°C)*2
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply voltage
V
SS
00
0V
2
V
CC (HM51(S)4260C-6/7/8)
4.5
5.0
5.5
V
1, 2
V
CC (HM51(S)4260C-6R)
4.75
5.0
5.25
V
1, 2
Input high voltage
V
IH
2.4
6.5
V
1
Input low voltage
V
IL
–1.0
0.8
V
1
Notes: 1. All voltage referred to V
SS.
2. The supply voltage with all V
CC pins must be on the same level.
The supply voltage with all V
SS pins must be on the same level.


Similar Part No. - HM51S4260C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM51S4260AJ-10 HITACHI-HM51S4260AJ-10 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM51S4260AJ-7 HITACHI-HM51S4260AJ-7 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM51S4260AJ-8 HITACHI-HM51S4260AJ-8 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM51S4260ALJ-10 HITACHI-HM51S4260ALJ-10 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM51S4260ALJ-7 HITACHI-HM51S4260ALJ-7 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
More results

Similar Description - HM51S4260C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM514170C HITACHI-HM514170C Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
logo
Texas Instruments
SMJ4256 TI-SMJ4256 Datasheet
947Kb / 19P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
Hitachi Semiconductor
HM5118165A HITACHI-HM5118165A Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118165B HITACHI-HM5118165B Datasheet
1Mb / 31P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118160B HITACHI-HM5118160B Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK532256AW ACCUTEK-AK532256AW Datasheet
67Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
AK59256AS ACCUTEK-AK59256AS Datasheet
96Kb / 2P
   262,144 Word by 9 bit, CMOS Dynamic Random Access Memory
AK536256W ACCUTEK-AK536256W Datasheet
86Kb / 2P
   262,144 Word by 36 Bit CMOS Dynamic Random Access Memory
AK532256W ACCUTEK-AK532256W Datasheet
69Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
logo
NTE Electronics
NTE21256 NTE-NTE21256 Datasheet
42Kb / 6P
   262,144-Bit Dynamic Random Access Memory (DRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com