Selected language     English  ▼


C-001R Datasheet(PDF) 1 Page - Epson Company

Part No. C-001R
Description  SMALL CYLINDER LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPSON [Epson Company]
Homepage  http://www.epsondevice.com
Logo 

   
 1 page
background image
Crystal unit
D1
L1
L2
B
D2
Specifications (characteristics)
Frequency example
(Unit: mm)
External dimensions
SMALL CYLINDER LOW/MEDIUM-FREQUENCY
CRYSTAL UNIT
C-4-TYPE
• Photolithography finished allows uniform and stable
performance.
• Small and light weight. (ø1.5 x 6mm)
• Excellent shock resistance and environmental capability.
• Most suitable for pagers and card products like PCMCIA.
Item
Nominal frequency
Temperature
range
Maximum drive level
Recommended drive level (characteristics)
Soldering condition
Frequency tolerance (standard)
Peak temperature (frequency)
Temperature coefficient (frequency)
Load capacitance
Series resistance
Motional capacitance
Shunt capacitance
Insulation resistance
Aging
Shock resistance
Symbol
f
TSTG
TOPR
GL
DL
TSOL
∆f/f
θT
a
CL
R1
C1
C0
IR
fa
S.R.
Specifications
32.000 kHz to 120.000 kHz
192 kHz
-20˚C to +70˚C
-10˚C to +60˚C
1.0µW max.
0.1µW typ.
Under 280˚C with in 5 sec.
±50ppm,±100ppm
25˚C ±5˚C
-0.04ppm/ ˚C2 max.
6pF to
32 kHz
≤ f < 40 kHz: 55 kΩ max.
40 kHz
≤ f < 60 kHz: 30 kΩ max.
60 kHz
≤ f < 70 kHz: 25 kΩ max.
70 kHz
≤ f ≤ 100 kHz: 22 kΩ max.
100 kHz < f
120 kHz: 15 kΩ max.
192 kHz: 10 k
Ω max.
3.0fF max.
1.5pF max.
500 M
Ω min.
±5ppm/year max.
±5ppm max.
Remarks
Please refer to frequency list below
Do not heat the package at more than 150˚C
Ta=25˚C, DL=0.1µW
Please specify
Ta=25˚C±3˚C, first year
Three drops on a hard board from 75 cm or excitation
test with 3000G x 0.3ms x 1/2 sine wave x 3 directions
Type
C-2-TYPE
C-4-TYPE
Frequency
26.6667 kHz
32.5600 kHz
36.8640 kHz
38.4000 kHz
44.7340 kHz
48.0000 kHz
75.0000 kHz
77.5030 kHz
76.8000 kHz
96.0000 kHz
153.6000 kHz
307.2000 kHz
38.4000 kHz
50.0000 kHz
76.8000 kHz
77.5030 kHz
192.0000 kHz
CL Value
10.0pF, 11.0pF
7.0pF
13.5pF
10.0pF
10.0pF
15.0pF
6.5pF, 9.0pF,20.0pF
10.0pF, 20.0pF
6.0pF, 10.0pF,11.0pF
6.0pF, 8.4pF,11.0pF
11.0pF
11.0pF
11.0pF
9.0pF
11.0pF
10.0pF
11.0pF
Model
C-2-TYPE
C-001R
C-002RX
C-004R
C-005R
C-4-TYPE
L1
6.0 max.
8.0 max.
6.0 max.
5.0 max.
4.6 max.
5.0 max.
L2
4.0 min.
9.0 min.
4.0 min.
4.0 min.
4.0 min.
4.0 min.
D1
ø2.0 max.
ø3.1 max.
ø2.0 max.
ø1.5 max.
ø1.2 max.
ø1.5 max.
D2
ø0.2
ø0.3
ø0.2
ø0.2
ø0.15
ø0.2
B
0.7
1.1
0.7
0.5
0.3
0.5
Storage temperature
Operating temperature
(160 to 165kHz, 307.2 kHz: D1=ø2.2 max.)
Actual size
15




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MA-306SMALL SMD HIGH - FREQUENCY CRYSTAL UNIT 1 List of Unclassifed Manufacturers
MC306SMALL SMD LOW / MEDIUM-FREQUENCY CRYSTAL UNIT 1 List of Unclassifed Manufacturers
MC206THIN SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT 1 List of Unclassifed Manufacturers
HCM49SSMD CRYSTAL UNIT 1 List of Unclassifed Manufacturers
NJU6366Small Sized Quartz Crystal Oscillator 1 2 3 4 5 MoreNew Japan Radio
CX-49GIt is a 4.5mm high compact crystal unit for surface mounting. 1 Kyocera Kinseki Corpotation
XT49UResistance Welded Holder Type Crystal Unit 1 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl