Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D13003 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # D13003
Description  NPN SILICON POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

D13003 Datasheet(HTML) 1 Page - Continental Device India Limited

  D13003 Datasheet HTML 1Page - Continental Device India Limited D13003 Datasheet HTML 2Page - Continental Device India Limited D13003 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN SILICON POWER TRANSISTOR
CD13003
TO-126
MARKING: CD
13003
Applications.
Suitable for Lighting, Switching Regulator and Motor Control.
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
600
V
Collector -Emitter ( sus) Voltage
VCEO
400
V
Emitter -Base Voltage
VEBO
9.0
V
Collector Current Continuous
IC
1.5
A
Peak (1)
ICM
3.0
A
Base Current Continuous
IB
0.75
A
Peak (1)
IBM
1.5
A
Emitter Current Continuous
IE
2.25
A
Peak (1)
IEM
4.5
A
Power Dissipation @ Ta=25 deg C
PD
1.4
W
Derate Above 25 deg C
11.2
mW /deg C
Power Dissipation @ Tc=25 deg C
PD
45
W
Derate Above 25 deg C
320
mW /deg C
Operating And Storage Junction
Tj, Tstg
-65 to +150
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
3.12
deg C/W
Junction to Ambient
Rth (j-a)
89
deg C/W
Maximum Lead Temperature for
Soldering Purposes: 1/8" from Case
for 5 Seconds.
TL
275
deg C
(1) Pulse Test: Pulse Width= 5ms Duty Cycle =10%
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Base Voltage
VCBO
IC=1mA, IE=0
600
-
-
V
Collector -Emitter ( sus) Voltage
VCEO(sus)* IC=10mA, IB=0
400
-
-
V
Collector-Cuttoff Current
ICBO
VCB=600V, IE=0
-
-
1.0
mA
VCB=600V, IE=0,TC=100 deg C
-
-
5.0
mA
Emitter-Cuttoff Current
IEBO
VEB=9V, IC=0
-
-
1.0
mA
DC Current Gain
hFE*
IC=0.5A,VCE=5V
8.0
-
40
IC=2A,VCE=5V
5.0
-
25
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - D13003

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D13005 SECOS-D13005 Datasheet
114Kb / 1P
   4A , 700V NPN Plastic-Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
D13005 JIANGSU-D13005 Datasheet
286Kb / 3P
   TRANSISTOR竊?NPN 竊
logo
List of Unclassifed Man...
D13005 ETC1-D13005 Datasheet
84Kb / 1P
   NPN SILICON TRANSISTOR
logo
JILIN SINO-MICROELECTRO...
D13005 JSMC-D13005 Datasheet
604Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
D13005 JSMC-D13005 Datasheet
506Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - D13003

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com