Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G73AS-DC9A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G73AS-DC9A
Description  G73
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G73AS-DC9A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G73AS-DC9A Datasheet HTML 1Page - List of Unclassifed Manufacturers G73AS-DC9A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
TOLL FREE (888) 922-8330
FX (732) 922-6363 E-mail: globalcomponents@msn.com
n Features
Class B standard ; Class F version available
Switching capacity 20A, 14VDC ; 15A, 120VAC
Most popular industry footprint and package
Choice of contact materials
Automotive versions "M" available
G73
UL E1555
5
70
3.5
0.5
6
100
4.2
0.6
9
225
6.3
0.9
12
400
8.4
1.2
24
1600
16.8
2.4
48
6400
33.6
4.8
6
45
3.2
0.6
12
180
6.3
1.2
24
720
12.6
2.4
n Contact Data
Contact Arrangement
1 Form A (1A); 1 Form C (1C)
Contact Code/Material
Nil:AgNiO ; A:AgniO
; C: AgCdO; S:AgSnOI O
Contact Rating/Code
C=10A, 28VDC/120VAC ; A=20A, 14VDC
Max. Switching Voltage
30VDC, 250VAC
Max. Switch Current
Code C= 15A ; Code A= 20A
Max. Continuous Current
15A
Minimum Load (reference)
Code C=0.5A, 12VDC ; Code A: 10mA, 5VDC
Initial Resistance
100mOhm @ 100mA, 5VDC
Mechanical
1 x 10 operations @ rated load
Electrical
1 x 10 operations @ rated load
Life
Nominal Voltage Coil Resistance
Pick-Up
Drop-Out
(VDC)
(W ± 10%)
Voltage (VDC) Voltage (VDC)
1.5
23
6
5
n How to order
G73 M C S - DC12 C
Basic Model
Contact Material: Blank= AgNi10; A=AgNi0.15;
Version: Blank = Standard
C=AgCdO; S=AgSnOI O
M = Automotive type
Coil Voltage(VDC): 3,5,6*,9,12*,24*,48
Contact Form: A = 1 Form A;
Enclosure: D = Dust Cover; S = Sealed
C = 1 Form C
Note: Code M contacts only available in AgNiO & AgNiO1.5 and coil voltages marked with *.
n Coil Data
Code M
STD
Too
New
For
Photo!


Similar Part No. - G73AS-DC9A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G738 ETC1-G738 Datasheet
344Kb / 2P
   Desktop Cases
logo
IDEA.lnc.
G73XB IDEA-G73XB Datasheet
30Kb / 1P
   T-1-3/4 Double Height, Right-Angle LED Assembly
logo
Omron Electronics LLC
G73Z-02Z OMRON-G73Z-02Z Datasheet
1Mb / 9P
   Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
G73Z-11Z OMRON-G73Z-11Z Datasheet
1Mb / 9P
   Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
G73Z-20Z OMRON-G73Z-20Z Datasheet
1Mb / 9P
   Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com