Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4532X5R1C105ZT Datasheet(PDF) 1 Page - TDK Electronics

Part # C4532X5R1C105ZT
Description  Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4532X5R1C105ZT Datasheet(HTML) 1 Page - TDK Electronics

  C4532X5R1C105ZT Datasheet HTML 1Page - TDK Electronics C4532X5R1C105ZT Datasheet HTML 2Page - TDK Electronics C4532X5R1C105ZT Datasheet HTML 3Page - TDK Electronics C4532X5R1C105ZT Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• All specifications are subject to change without notice.
(1/4)
001-01 / 20011108 / e4416_c3225.fm
Ceramic Capacitors
C Series
For Smoothing
SMD
FEATURES
• Providing capacitance values in the range of electrolytic types
and long service life, this product is recommended for high-
reliability power supply applications.
• Low ESR and excellent frequency characteristics make this
capacitor a superior choice for high-frequency and high-density
power supplies.
APPLICATIONS
DC to DC converters, switching power supplies.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
(3) Capacitance temperature characteristics
Class 2
(4) Rated voltage Edc
(5) Nominal capacitance
The capacitance is expressed in three digit codes and in units of
pico farads (pF).
The first and second digits identify the first and second significant
figures of the capacitance.
The third digit identifies the multiplier.
R designates a decimal point.
(6) Capacitance tolerance
(7) Packaging style
C 3225 X7R 1E 105 M
(1)
(2)
(3) (4) (5) (6) (7)
3225
3.2
×2.5mm
4532
4.5
×3.2mm
5750
5.7
×5.0mm
Temperature
characteristics
Capacitance change
Temperature range
X7R
±15%
–55 to +125°C
X5R
±15%
–55 to +85°C
Y5V
+22, –82%
–30 to +85°C
0J
6.3V
1A
10V
1C
16V
1E
25V
1H
50V
105
1000000pF[1µF]
K±10%
M±20%
Z
+80, –20%
T
Taping (reel)
BBulk


Similar Part No. - C4532X5R1C105ZT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4532X5R1C105WTXXXX TDK-C4532X5R1C105WTXXXX Datasheet
1Mb / 72P
   General Application
More results

Similar Description - C4532X5R1C105ZT

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
RFE international
HMZ-433A RFE-HMZ-433A Datasheet
585Kb / 2P
   CERAMIC CAPACITORS
logo
Cornell Dubilier Electr...
SM151K CDE-SM151K Datasheet
201Kb / 2P
   Ceramic Capacitors
logo
Murata Manufacturing Co...
RDER71H104K0K1H03B MURATA-RDER71H104K0K1H03B Datasheet
628Kb / 4P
    Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1B3KX101KA4BL01 MURATA-DE1B3KX101KA4BL01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com