Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2000D Datasheet(PDF) 2 Page - OSRAM GmbH

Part # F2000D
Description  InGaAlP-High Brightness-Lumineszenzdiode (617nm, High Current and Flux), InGaAlP High Brightness LED (617nm, High Current and Flux)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

F2000D Datasheet(HTML) 2 Page - OSRAM GmbH

  F2000D Datasheet HTML 1Page - OSRAM GmbH F2000D Datasheet HTML 2Page - OSRAM GmbH F2000D Datasheet HTML 3Page - OSRAM GmbH F2000D Datasheet HTML 4Page - OSRAM GmbH F2000D Datasheet HTML 5Page - OSRAM GmbH F2000D Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2003-04-15
2
F 2000D
Elektrische Werte (
T
A = 25 °C)
Electrical values
1) (T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
2)
Einheit
Unit
min.
typ.
max.
Dominantwellenlänge
Dominant wavelength
I
F = 400 mA, tp = 1.8 ms
λ
dom
613
623
nm
Sperrspannung
Reverse voltage
I
R = 1µA
V
R
12
V
Durchla
βspannung
Forward voltage
I
F = 400 mA, tp = 1.8 ms
V
F
2.6
V
Lichtstrom
Luminous Flux
3)
I
F = 400 mA, tp = 1.8 ms
Φ
V
8000
mlm
1)
Measurement limits describe actual settings and do not include measurement uncertainties. Each wafer and fragment
of a wafer is subject to final testing. The wafer or its pieces are individually attached on foils (rings). Sample chips are
picked from each foil and placed on a special carrier for measurement purposes.
Sample-test: Sampling density/samples per cm² (grid): 1,6/cm².
If a sample fails, the distance area to the next non-failure samples is manually removed by a vacuum tool.
All el. values are referenced to the vendor's measurement system (correlation to customer product(s) is required)
2)
Typical (refered to as typ.) data are defined as long-term production mean values and are only given for information.
This is not a specified value
3)
Luminous flux is measured in integrating sphere


Similar Part No. - F2000D

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
F2000ERW MPD-F2000ERW Datasheet
225Kb / 2P
   Low Cost, Compact 20W, 2:1 Input Range DC/DC Converters
F2000ERW MPD-F2000ERW_14 Datasheet
217Kb / 2P
   F2000ERW SERIES
More results

Similar Description - F2000D

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND185HOP PURDY-AND185HOP Datasheet
57Kb / 2P
   InGaAlP High Brightness Orange Light
AND156EYP PURDY-AND156EYP Datasheet
25Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HYP PURDY-AND157HYP Datasheet
48Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HRP PURDY-AND157HRP Datasheet
50Kb / 2P
   InGaAlP High Brightness Red Light Emission
logo
Allegro MicroSystems
A6260 ALLEGRO-A6260 Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260_V ALLEGRO-A6260_V Datasheet
302Kb / 12P
   High Brightness LED Current Regulator
logo
Micrel Semiconductor
MIC3202 MICREL-MIC3202 Datasheet
853Kb / 19P
   High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
logo
Seoul Semiconductor
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
   Superior high Flux for High Current System
SDW05F1C SEOUL-SDW05F1C Datasheet
516Kb / 20P
   Superior high Flux for High Current System
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com