Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT8002N Datasheet(PDF) 1 Page - Texas Instruments

Part # PT8002N
Description  60 Amp High-Performance Programmable ISR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT8002N Datasheet(HTML) 1 Page - Texas Instruments

  PT8002N Datasheet HTML 1Page - Texas Instruments PT8002N Datasheet HTML 2Page - Texas Instruments PT8002N Datasheet HTML 3Page - Texas Instruments PT8002N Datasheet HTML 4Page - Texas Instruments PT8002N Datasheet HTML 5Page - Texas Instruments PT8002N Datasheet HTML 6Page - Texas Instruments PT8002N Datasheet HTML 7Page - Texas Instruments PT8002N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Standard Application
Cin
= Required 2000µF electrolytic (1)
CL
= Optional capacitance at load
(1)
R1
= Required 10k pull-up resistor when using the PWRGD*
signal. The PWRGD* output is low when the output
voltage is within specifications.
Features
60A Output Current
Multi-Phase Topology
+5V Input
5-bit Programmable:
1.3V to 3.5V
1.075V to 1.850V
High Efficiency
Differential Remote Sense
Short Circuit Protection
PT8000
VID4 – VID0
34
33
32
31
30
PROGRAMMING PINS
VID0
VID1
VID2
VID3
VID4
C
IN
+
V
IN
GND
V
IN
x8
x10
x10
V
OUT
GND
L
O
A
D
C
L
+
V
OUT
GND
25
+ REMOTE SENSE
– REMOTE SENSE
20
STBY*
22
PWRGD*
V
DD
21
PWRGD*
+SNS
–SNS
STBY
Q
1
Description
The PT8000 series is a 60 A high-
performance, Integrated Switching
Regulator (ISR) housed in a single
low-profile 44-pin SIP package.
Operating from an input voltage of
+5V, the PT8000 series offers a
state-of-the-art “Plug-in Power”
solution for highly-integrated
digital systems that demand high
power supply currents at low voltages.
The output voltage from these
modules is programmable over a
preset range via a 5-bit input. The
PT8001 may be set from 1.3V to
3.5V, which is compatible with Intel’s
Pentium Pro® µ-processors. The
output voltage of the PT8002 is
programmable from 1.075V to 1.85V.
The PT8000 series incorporates
many features to facilitate system
Ordering Information
PT8001
o = 1.3 to 3.5 Volts
PT8002
o = 1.075 to 1.850 Volts
For dimensions and PC board layout, see
Package Styles 1600, 1610 and 1615
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
integration. Output short-circuit
protection and over-temperature
shutdown enables these modules to
survive any load fault. Two self-
diagnosotic signals, “Power Good”
(PWRGD*) and “Over-Voltage
Flag” (OVF*) are provided. And a
unique tracking feature allows the
output to be synchronized to a master
ramp voltage during power-up.
Other features include a standby
input, and a differential remote sense
to compensate for voltage drop between
the ISR and load.
A low ESR capacitance of 2000µF
is required at the input for proper
operation.
PT8000—5V
60 Amp High-Performance
Programmable ISR
Output Tracking Feature
Over-Temp Shutdown
Power Good & OV Flag
Low-Profile Package
Solderable Copper Case
“Current Booster”
Compatible
SLTS135A
(Revised 4/5/2001)


Similar Part No. - PT8002N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8002N TI1-PT8002N Datasheet
430Kb / 8P
[Old version datasheet]   60 Amp High-Performance
More results

Similar Description - PT8002N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7770 TI-PT7770 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7772 TI-PT7772 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7773 TI1-PT7773 Datasheet
452Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE SLEDGE HAMMER??PROGRAMMABLE ISR
PT7701 TI-PT7701 Datasheet
131Kb / 2P
[Old version datasheet]   15 AMP HIGH-PERFORMANCE BIG HAMMER PROGRAMMABLE ISR
PT7777 TI-PT7777 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE SLEDGE HAMMER??PROGRAMMABLE ISR
PT6305 TI-PT6305 Datasheet
319Kb / 3P
[Old version datasheet]   3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
PT8000-5V TI1-PT8000-5V Datasheet
430Kb / 8P
[Old version datasheet]   60 Amp High-Performance
PT7720 TI-PT7720 Datasheet
200Kb / 4P
[Old version datasheet]   17 AMP 12V INPUT ?쏝IG-HAMMER II??PROGRAMMABLE ISR
logo
List of Unclassifed Man...
PT6200 ETC1-PT6200 Datasheet
68Kb / 3P
   2 AMP HIGH-PERFORMANCE ADJUSTABLE ISR WITH ON/OFF CONTROL
logo
Texas Instruments
PT6202N TI1-PT6202N Datasheet
85Kb / 5P
[Old version datasheet]   2 AMP HIGH-PERFORMANCE ADJUSTABLE ISR WITH ON/OFF CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com