Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC2798 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # RC2798
Description  Integrated QAM IF Downconverter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC2798 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button RC2798 Datasheet HTML 4Page - Fairchild Semiconductor RC2798 Datasheet HTML 5Page - Fairchild Semiconductor RC2798 Datasheet HTML 6Page - Fairchild Semiconductor RC2798 Datasheet HTML 7Page - Fairchild Semiconductor RC2798 Datasheet HTML 8Page - Fairchild Semiconductor RC2798 Datasheet HTML 9Page - Fairchild Semiconductor RC2798 Datasheet HTML 10Page - Fairchild Semiconductor RC2798 Datasheet HTML 11Page - Fairchild Semiconductor RC2798 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RC2798
PRODUCT SPECIFICATION
8
Crystal Oscillator Implementation
Figure 6. Fundamental Mode—Series Resonant XTL
Figure 7. Overtone Mode—Series Resonant XTL
1
AGC_IN1
220pF
FB
10
µF10µF
.1
µF
.1
µF
+
+
+5V
Oscillator O/P
XTL
38.886 MHz
Fundamental mode
Series Resonant
2
AGC_IN2
3
VAGC
4
VCC MIX
5
OSC_OUT
6
GND
7
B2
8
C1
9
C2
10
20
19
18
17
16
15
14
13
12
11
B1
GND
MIX_OUT2
MIX_OUT1
G1A
G1B
VampIn1
VampIn2
VccAmp
RC2798
OUT1
OUT2
1
AGC_IN1
220pF
FB
10
µF10µF
10nF
.1
µF
.1
µF
+
+
+5V
Oscillator O/P
XTL
38.886 MHz
Co
93pF
Lo
180nH
2
AGC_IN2
3
VAGC
4
VCC MIX
5
OSC_OUT
6
GND
7
B2
8
C1
9
C2
10
20
19
18
17
16
15
14
13
12
11
B1
GND
MIX_OUT2
MIX_OUT1
G1A
G1B
VampIn1
VampIn2
VccAmp
RC2798
OUT1
OUT2


Similar Part No. - RC2798

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
RC27000030-DE OMRON-RC27000030-DE Datasheet
2Mb / 20P
   Born to drive machines
More results

Similar Description - RC2798

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2798GR CEL-UPC2798GR Datasheet
236Kb / 15P
   250 MHz QAM IF DOWNCONVERTER
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
   MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
logo
RF Micro Devices
RFAM3790 RFMD-RFAM3790 Datasheet
309Kb / 7P
   45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
logo
STMicroelectronics
STI7197 STMICROELECTRONICS-STI7197 Datasheet
97Kb / 4P
   Advanced STB decoder with integrated QAM demodulator
logo
Freescale Semiconductor...
MRFIC1505 FREESCALE-MRFIC1505 Datasheet
135Kb / 8P
   MRFIC1505/MRFIC1505A Integrated GPS Downconverter
logo
Zarlink Semiconductor I...
ZL10100 ZARLINK-ZL10100 Datasheet
414Kb / 19P
   Single Chip Synthesized Downconverter with IF Amplifier
logo
Burr-Brown (TI)
AFE8201 BURR-BROWN-AFE8201 Datasheet
220Kb / 20P
   IF Analog-to-Digital Converter with Digital Downconverter
logo
NXP Semiconductors
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
logo
ATMEL Corporation
AT76C651B ATMEL-AT76C651B Datasheet
82Kb / 7P
   Digital Reception/ Transmission IC Integrated DVB compliant QAM Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com