Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7443D Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7443D
Description  TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR WITH AGC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7443D Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7443D Datasheet HTML 1Page - STMicroelectronics TDA7443D Datasheet HTML 2Page - STMicroelectronics TDA7443D Datasheet HTML 3Page - STMicroelectronics TDA7443D Datasheet HTML 4Page - STMicroelectronics TDA7443D Datasheet HTML 5Page - STMicroelectronics TDA7443D Datasheet HTML 6Page - STMicroelectronics TDA7443D Datasheet HTML 7Page - STMicroelectronics TDA7443D Datasheet HTML 8Page - STMicroelectronics TDA7443D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
TDA7443D
July 2002
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
INPUT MULTIPLEXER
- 5 STEREO INPUTS
- SELECTABLE INPUT GAIN FOR OPTIMAL
ADAPTATION TO DIFFERENT SOURCES
s
ONE STEREO OUTPUT
s
AGC
s
TREBLE AND BASS CONTROL IN 2.0dB
STEPS
s
VOLUME CONTROL IN 1.0dB STEPS
s
TWO SPEAKER ATTENUATORS:
- TWO INDEPENDENT SPEAKER CONTROL
IN 1.0dB STEPS FOR BALANCE FACILITY
- INDEPENDENT MUTE FUNCTION
s
TWO SURROND MODES AVAILABLE
- MUSIC
PSEUDO STEREO
s
ALL FUNCTION ARE PROGRAMMABLE VIA
SERIAL BUS
DESCRIPTION
The TDA7443D is a volume tone (bass and treble)
balance (Left/Right) processor for quality audio appli-
cations in Hi-Fi systems.
Selectable input gain is provided. Control of all the
functions is accomplished by serial bus.
The AC signal setting is obtained by resistor net-
works and switches combined with operational ampli-
fiers.
Thanks to the used BIPOLAR/CMOS Technology,
Low Distortion, Low Noise and DC stepping are ob-
tained.
SO28
ORDERING NUMBER: TDA7443D
PRODUCT PREVIEW
TONE CONTROL AND SURROUND
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH AGC
PIN CONNECTION (Top view)
VS
AGC
L-IN1
L-IN2
L-IN3
L-IN5
L-IN4
L-MUX
L-TREBLE
R-TREBLE
R-MUX
R-IN5
R-IN3
R-IN4
R-IN2
R-IN1
LP
PS1
1
3
2
4
5
6
7
8
9
26
25
24
23
22
20
21
19
27
10
28
L-BASSI
R-BASSI
D01AU1319
L-BASSO
L-OUT
SDA
CREF
R-OUT
R-BASSO
11
12
13
18
16
17
15
14
SCL
GND


Similar Part No. - TDA7443D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7440 STMICROELECTRONICS-TDA7440 Datasheet
212Kb / 17P
   TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7440D STMICROELECTRONICS-TDA7440D Datasheet
212Kb / 17P
   TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7440 STMICROELECTRONICS-TDA7440_10 Datasheet
741Kb / 17P
   TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7442 STMICROELECTRONICS-TDA7442 Datasheet
154Kb / 17P
   TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7442D STMICROELECTRONICS-TDA7442D Datasheet
154Kb / 17P
   TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
More results

Similar Description - TDA7443D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7442 STMICROELECTRONICS-TDA7442 Datasheet
154Kb / 17P
   TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7440 STMICROELECTRONICS-TDA7440_10 Datasheet
741Kb / 17P
   TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7440D STMICROELECTRONICS-TDA7440D Datasheet
212Kb / 17P
   TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7449 STMICROELECTRONICS-TDA7449 Datasheet
128Kb / 17P
   TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7449 STMICROELECTRONICS-TDA7449_04 Datasheet
200Kb / 19P
   TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7463D STMICROELECTRONICS-TDA7463D Datasheet
151Kb / 11P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7863D STMICROELECTRONICS-TDA7863D Datasheet
112Kb / 12P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7463AD STMICROELECTRONICS-TDA7463AD Datasheet
90Kb / 11P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7463A STMICROELECTRONICS-TDA7463A_1 Datasheet
123Kb / 12P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
TDA7463AD STMICROELECTRONICS-TDA7463AD_05 Datasheet
145Kb / 13P
   LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com