Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5069 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5069
Description  High-Frequency, Current-Mode PWM Controller with Accurate Oscillator and Dual FET Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5069 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5069 Datasheet HTML 1Page - Maxim Integrated Products MAX5069 Datasheet HTML 2Page - Maxim Integrated Products MAX5069 Datasheet HTML 3Page - Maxim Integrated Products MAX5069 Datasheet HTML 4Page - Maxim Integrated Products MAX5069 Datasheet HTML 5Page - Maxim Integrated Products MAX5069 Datasheet HTML 6Page - Maxim Integrated Products MAX5069 Datasheet HTML 7Page - Maxim Integrated Products MAX5069 Datasheet HTML 8Page - Maxim Integrated Products MAX5069 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
High-Frequency, Current-Mode PWM Controller
with Accurate Oscillator and Dual FET Drivers
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CS Input Bias Current
IB_CL
VCS = 0V
0
+2
µA
CS Blanking Time
tCS_BLANK
70
ns
Propagation Delay from
Comparator Input to NDRV_
tPD_CL
50mV overdrive
40
ns
IN CLAMP VOLTAGE
IN Clamp Voltage
VIN_CLAMP
IN sinking 2mA (Note 2)
24.0
26.0
29.0
V
ERROR AMPLIFIER (FB, COMP)
Voltage Gain
AV
RCOMP = 100k
Ω to AGND
80
dB
Unity-Gain Bandwidth
BW
RCOMP = 100k
Ω to AGND,
CLOAD = 100pF to AGND
5
MHz
Phase Margin
PM
RCOMP = 100k
Ω to AGND,
CLOAD = 100pF to AGND
65
Degrees
FB Input Offset Voltage
VOS_FB
3mV
High
2.6
3.8
COMP Clamp Voltage
VCOMP
Low
0.4
1.1
V
Error-Amplifier Output Current
ICOMP
Sinking or sourcing
0.5
mA
+25°C ≤ TA ≤ +125°C (Note 3)
1.215
1.230
1.245
Reference Voltage
VREF
-40°C ≤ TA ≤ +125°C (Note 3)
1.205
1.230
1.242
V
Input Bias Current
IB_EA
100
300
nA
COMP Short-Circuit Current
ICOMP_SC
12
mA
THERMAL SHUTDOWN
Thermal-Shutdown Temperature
TSD
+170
°C
Thermal Hysteresis
THYST
25
°C
OSCILLATOR SYNC INPUT (MAX5069A/D only)
SYNC High-Level Voltage
VIH_SYNC
2.4
V
SYNC Low-Level Voltage
VIL_SYNC
0.4
V
SYNC Input Bias Current
IB_SYNC
10
nA
Maximum SYNC Frequency
fSYNC
fOSC = 2.5MHz (Note 4)
3.125
MHz
SYNC High-Level Pulse Width
tSYNC_HI
30
ns
SYNC Low-Level Pulse Width
tSYNC_LO
30
ns
DIGITAL SOFT-START
Soft-Start Duration
tSS
(Note 5)
2047
Cycles
Reference-Voltage Step
VSTEP
9.7
mV
Reference-Voltage Steps During
Soft-Start
127
Steps
OSCILLATOR
Oscillator Frequency Range
fOSC
fOSC = (10
11 / RRT)
50
2500
kHz
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +12V for the MAX5069C/D, VIN = +23.6V for the MAX5069A/B at startup, then reduces to +12V, CIN = CREG5 = 0.1µF,
CVCC = 1µF, RRT = 100k
Ω, NDRV_ = floating, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)


Similar Part No. - MAX5069

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5069A MAXIM-MAX5069A Datasheet
721Kb / 9P
   MAX5069A Evaluation Kit
Rev 0; 11/04
MAX5069AEVKIT MAXIM-MAX5069AEVKIT Datasheet
721Kb / 9P
   MAX5069A Evaluation Kit
Rev 0; 11/04
More results

Similar Description - MAX5069

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5068 MAXIM-MAX5068 Datasheet
312Kb / 20P
   High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator
Rev 1; 7/04
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_16 Datasheet
397Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843_16 Datasheet
386Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Texas Instruments
UCC2884 TI1-UCC2884 Datasheet
324Kb / 12P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842_11 Datasheet
155Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Texas Instruments
UCC1884 TI-UCC1884 Datasheet
267Kb / 8P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com