Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7200L80 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU7200L80
Description  SUPER LOW OPERATING CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7200L80 Datasheet(HTML) 3 Page - New Japan Radio

  NJU7200L80 Datasheet HTML 1Page - New Japan Radio NJU7200L80 Datasheet HTML 2Page - New Japan Radio NJU7200L80 Datasheet HTML 3Page - New Japan Radio NJU7200L80 Datasheet HTML 4Page - New Japan Radio NJU7200L80 Datasheet HTML 5Page - New Japan Radio NJU7200L80 Datasheet HTML 6Page - New Japan Radio NJU7200L80 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NJU7200 Series
- 3 -
Ver.2003-07-23
+2.1V Version
CIN = Co = 0.1µF, Ta = 25°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN = 4.1V, IOUT = 5mA
1.995
2.100
2.205
V
Dropout Voltage
∆VIO
IOUT = 0.5mA
-
0.04
0.12
V
Input Voltage
VIN
-
-
12
V
Operating Current
IQ
VIN = 4.1V
-
0.90
2.40
µA
Load Regulation
∆VOUT / ∆IOUT
VIN = 4.1V, IOUT = 1~20mA
-
-
120
mV
Line Regulation
∆VOUT / (∆VIN・VOUT)
VIN = 2.5~12V
-
0.10
-
%/V
+2.5V Version
CIN = Co = 0.1µF, Ta = 25°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN = 4.5V, IOUT = 10mA
2.375
2.500
2.625
V
Dropout Voltage
∆VIO
IOUT = 10mA
-
0.45
1.20
V
Input Voltage
VIN
-
-
12
V
Operating Current
IQ
VIN = 4.5V
-
1.0
2.4
µA
Load Regulation
∆VOUT / ∆IOUT
VIN = 4.5V, IOUT = 1~20mA
-
-
120
mV
Line Regulation
∆VOUT / (∆VIN・VOUT)
VIN = 3.5~12V
-
0.10
-
%/V
+2.6V Version
CIN = Co = 0.1µF, Ta = 25°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN = 4.6V, IOUT = 10mA
2.47
2.60
2.73
V
Dropout Voltage
∆VIO
IOUT = 10mA
-
0.45
1.20
V
Input Voltage
VIN
-
-
12
V
Operating Current
IQ
VIN = 4.6V
-
1.0
2.4
µA
Load Regulation
∆VOUT / ∆IOUT
VIN = 4.6V, IOUT = 1~20mA
-
-
120
mV
Line Regulation
∆VOUT / (∆VIN・VOUT)
VIN = 3.6~12V
-
0.10
-
%/V
+2.7V Version
CIN = Co = 0.1µF, Ta = 25°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN = 4.7V, IOUT = 10mA
2.565
2.700
2.835
V
Dropout Voltage
∆VIO
IOUT = 10mA
-
0.4
1.0
V
Input Voltage
VIN
-
-
12
V
Operating Current
IQ
VIN = 4.7V
-
1.0
2.4
µA
Load Regulation
∆VOUT / ∆IOUT
VIN = 4.7V, IOUT = 1~20mA
-
-
120
mV
Line Regulation
∆VOUT / (∆VIN・VOUT)
VIN = 3.7~12V
-
0.10
-
%/V
+2.9V Version
CIN = Co = 0.1µF, Ta = 25°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN = 4.9V, IOUT = 10mA
2.755
2.900
3.045
V
Dropout Voltage
∆VIO
IOUT = 10mA
-
0.4
1.0
V
Input Voltage
VIN
-
-
12
V
Operating Current
IQ
VIN = 4.9V
-
1.0
2.4
µA
Load Regulation
∆VOUT / ∆IOUT
VIN = 4.9V, IOUT = 1~20mA
-
-
120
mV
Line Regulation
∆VOUT / (∆VIN・VOUT)
VIN = 3.9~12V
-
0.10
-
%/V


Similar Part No. - NJU7200L80

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7201 NJRC-NJU7201 Datasheet
205Kb / 6P
   C-MOS 3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJU72010 NJRC-NJU72010 Datasheet
204Kb / 15P
   2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJU72011 NJRC-NJU72011 Datasheet
205Kb / 15P
   2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJU72013 NJRC-NJU72013 Datasheet
174Kb / 10P
   2Vrms Ground Referenced Stereo Line Amplifier with LPF
NJU72014 NJRC-NJU72014 Datasheet
179Kb / 10P
   2Vrms Ground Referenced Stereo Line Amplifier with LPF
More results

Similar Description - NJU7200L80

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7202 NJRC-NJU7202 Datasheet
87Kb / 2P
   HIGH OUTPUT CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
NJU7211 NJRC-NJU7211 Datasheet
199Kb / 4P
   C MOS 3 TERMINAL NEGATIVE VOLTAGE REGULATOR
NJU7201 NJRC-NJU7201 Datasheet
205Kb / 6P
   C-MOS 3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJU7221 NJRC-NJU7221 Datasheet
180Kb / 5P
   HIGH PRECISION C MOS 3 TERMINAL VOLTAGE REGULATOR
NJU7116 NJRC-NJU7116 Datasheet
76Kb / 3P
   SUPER LOW OPERATING CURRENT AND LOW OFFSET VOLTAGE TINY SINGLE C-MOS COMPARATOR
NJU7231 NJRC-NJU7231 Datasheet
127Kb / 5P
   High Precision C-MOS 3-Terminal Voltage Regulator
logo
List of Unclassifed Man...
NJU7222 ETC1-NJU7222 Datasheet
87Kb / 2P
   HIGH PRECISION AND HIGH OUTPUT CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
logo
New Japan Radio
NJU7222 NJRC-NJU7222 Datasheet
118Kb / 2P
   HIGH PRECISION AND HIGH OUTPUT CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
Ver.2007-02-14
NJU7006 NJRC-NJU7006 Datasheet
62Kb / 2P
   SUPER LOW OPERATING CURRENT AND LOW OFFSET VOLTAGE TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00 Datasheet
140Kb / 8P
   3-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com