Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM732V599A Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KM732V599A
Description  32Kx32 Synchronous SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM732V599A Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KM732V599A Datasheet HTML 2Page - Samsung semiconductor KM732V599A Datasheet HTML 3Page - Samsung semiconductor KM732V599A Datasheet HTML 4Page - Samsung semiconductor KM732V599A Datasheet HTML 5Page - Samsung semiconductor KM732V599A Datasheet HTML 6Page - Samsung semiconductor KM732V599A Datasheet HTML 7Page - Samsung semiconductor KM732V599A Datasheet HTML 8Page - Samsung semiconductor KM732V599A Datasheet HTML 9Page - Samsung semiconductor KM732V599A Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PRELIMINARY
Rev 1.0
KM732V599A/L
32Kx32 Synchronous SRAM
- 6 -
May 1997
PASS-THROUGH TRUTH TABLE
NOTE : 1. This operation makes written data immediately available at output during a read cycle preceded by a write cycle.
Previous Cycle
Present Cycle
Next Cycle
Operation
WRITE
Operation
CS1
WRITE
OE
Write Cycle, All bytes
Address=An-1, Data=Dn-1
All L
Initiate Read Cycle
Address=An
Data=Qn-1 for all bytes
L
H
L
Read Cycle
Data=Qn
Write Cycle, All bytes
Address=An-1, Data=Dn-1
All L
No new cycle
Data=Qn-1 for all bytes
H
H
L
No carryover from
previous cycle
Write Cycle, All bytes
Address=An-1, Data=Dn-1
All L
No new cycle
Data=High-Z
H
H
H
No carryover from
previous cycle
Write Cycle, One byte
Address=An-1, Data=Dn-1
One L
Initiate Read Cycle
Address=An
Data=Qn-1 for one byte
L
H
L
Read Cycle
Data=Qn
Write Cycle, One byte
Address=An-1, Data=Dn-1
One L
No new cycle
Data=Qn-1 for one byte
H
H
L
No carryover from
previous cycle
ABSOLUTE MAXIMUM RATINGS*
*NOTE : Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on VDD Supply Relative to VSS
VDD
-0.3 to 4.6
V
Voltage on VDDQ Supply Relative to VSS
VDDQ
VDD
V
Voltage on Input Pin Relative to VSS
VIN
-0.3 to 6.0
V
Voltage on I/O Pin Relative to VSS
VIO
-0.3 to VDDQ+0.5
V
Power Dissipation
PD
1.2
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
TOPR
0 to 70
°C
Storage Temperature Range Under Bias
TBIAS
-10 to 85
°C
OPERATING CONDITIONS (0
°C≤ TA ≤70°C)
Parameter
Symbol
Min
Typ.
Max
Unit
Supply Voltage
VDD
3.13
3.3
3.6
V
VDDQ
3.13
3.3
3.6
V
Ground
VSS
0
0
0
V
CAPACITANCE*(TA=25
°C, f=1MHz)
*NOTE : Sampled not 100% tested.
Parameter
Symbol
Test Condition
Min
Max
Unit
Input Capacitance
CIN
VIN=0V
-
5
pF
Output Capacitance
COUT
VOUT=0V
-
7
pF


Similar Part No. - KM732V599A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM732V595A SAMSUNG-KM732V595A Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V596A SAMSUNG-KM732V596A Datasheet
498Kb / 16P
   32Kx32 Synchronous SRAM
KM732V596L SAMSUNG-KM732V596L Datasheet
498Kb / 16P
   32Kx32 Synchronous SRAM
More results

Similar Description - KM732V599A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V589L SAMSUNG-KM732V589L Datasheet
508Kb / 15P
   32Kx32 Synchronous SRAM
KM732V596L SAMSUNG-KM732V596L Datasheet
498Kb / 16P
   32Kx32 Synchronous SRAM
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Samsung semiconductor
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
K7A401800M SAMSUNG-K7A401800M Datasheet
408Kb / 15P
   256Kx18 Synchronous SRAM
KM718V887 SAMSUNG-KM718V887 Datasheet
470Kb / 16P
   256Kx18 Synchronous SRAM
KM732V689A SAMSUNG-KM732V689A Datasheet
493Kb / 15P
   64Kx32 Synchronous SRAM
KM736V689 SAMSUNG-KM736V689 Datasheet
437Kb / 15P
   64Kx36 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com