Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUS01L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SUS01L
Description  SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SUS01L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SUS01L Datasheet HTML 1Page - List of Unclassifed Manufacturers SUS01L Datasheet HTML 2Page - List of Unclassifed Manufacturers SUS01L Datasheet HTML 3Page - List of Unclassifed Manufacturers SUS01L Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MEAN WELL
SWITCHING POWER SUPPLY
ISO-9001 CERTIFIED MANUFACTURER
SUS01L
SERIES
.UNREGULATED DC OUTPUT
.NO EXTERNAL COMPONENTS REQUIRED
.1000VDC I/O ISOLATION
.HIGH RELIABILITY / LOW COST
.3000VDC ISOLATION IS AVAILABLE
.100% BURN-IN TEST
.INPUT FILTER:CAPACITOR TYPE
.MTBF:700,000 HOURS
.INTERNAL SMD TECHNOLOGY
MODEL
SPECIFICATION
SUS01L-05
SUS01L-09
SUS01L-12
SUS01L-15
DC OUTPUT VOLTAGE
5V
9V
12V
15V
OUTPUT VOLTAGE ACCURACY
±2%
OUTPUT RATED CURRENT
200mA
111mA
84mA
67mA
OUTPUT CURRENT RANGE
0-200mA
0-111mA
0-84mA
0-67mA
RIPPLE & NOISE
100mVp-p (max.)
LINE REGULATION
± 1.2% FOR 1% INPUT VARIATION
LOAD REGULATION
± 8% @ 20%~FULL LOAD
DC OUTPUT POWER
1W
1W
1W
1W
EFFICIENCY
73%
75%
78%
79%
SWITCHING FREQUENCY
100KHz min.
INPUT VOLTAGE RANGE
5V± 10% (4.5~5.5VDC)
INPUT CURRENT
274mA max.
SHORT CIRCUIT PROTECTION
MOMENTARY
OVER VOLTAGE PROTECTION
----------
TEMP. COEFFICIENT
±0.03% / ºC (0~50ºC)
ISOLATION VOLTAGE
I/P-O/P:1KVDC MIN.
ISOLATION RESISTANCE
I/P-O/P:500VDC / 100M Ohms MIN.
ISOLATION CAPACITANCE
80pF max.
WORKING TEMP., HUMIDITY
-15ºC~+60ºC, 20%~90% RH (NO DERATING); 80% LOAD @ 71ºC
STORAGE TEMP., HUMIDITY
-25ºC~+85ºC, 10%~95% RH
DIMENSION
0.89"*0.39"*0.33"
WEIGHT
3.1g
CASE METERIAL
NON-CONDUCTIVE PLASTIC
MECHANISM AND PIN CONFIGURATION
Pin no.
Output
1 & 16
+Vin
6 & 11
-Vout
7 & 10
+Vout
8 & 9
-Vin
NOTE : 1.ALL PARAMETERS ARE SPECIFIED AT RATED INPUT, RATED LOAD, 25ºC 70% RH. AMBIENT.
2.RIPPLE & NOISE ARE MEASURED AT 20MHz BY USING A 12" TWISTED PAIR TERMINATED WITH A 0.1uF & 47uF CAPACITOR.
3.LINE REGULATION IS MEASURED FROM LOW LINE TO HIGH LINE AT RATED LOAD.
4.LOAD REGULATION IS MEASURED FROM 20% TO 100% RATED LOAD.
1999-09-20


Similar Part No. - SUS01L

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SUS01L-05 MEANWELL-SUS01L-05 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SUS01L-05 MEANWELL-SUS01L-05 Datasheet
167Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SUS01L-09 MEANWELL-SUS01L-09 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SUS01L-09 MEANWELL-SUS01L-09 Datasheet
167Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SUS01L-12 MEANWELL-SUS01L-12 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results

Similar Description - SUS01L

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MWP-602A MEANWELL-MWP-602A Datasheet
108Kb / 2P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
logo
Total Power Internation...
QP-375 TOTAL-POWER-QP-375 Datasheet
150Kb / 5P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
logo
List of Unclassifed Man...
F0434A ETC2-F0434A Datasheet
74Kb / 1P
   Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
F0461A ETC2-F0461A Datasheet
74Kb / 1P
   Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
logo
Ultralife Corporation.
MBA-21R ULTRALIFE-MBA-21R Datasheet
297Kb / 2P
   Radio manufacturer independent
10 JUN 2010 Rev A
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com