Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP61089BDR-S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TISP61089BDR-S
Description  TISP61089B High Voltage Ringing SLIC Protector
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TISP61089BDR-S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TISP61089BDR-S Datasheet HTML 1Page - List of Unclassifed Manufacturers TISP61089BDR-S Datasheet HTML 2Page - List of Unclassifed Manufacturers TISP61089BDR-S Datasheet HTML 3Page - List of Unclassifed Manufacturers TISP61089BDR-S Datasheet HTML 4Page - List of Unclassifed Manufacturers TISP61089BDR-S Datasheet HTML 5Page - List of Unclassifed Manufacturers TISP61089BDR-S Datasheet HTML 6Page - List of Unclassifed Manufacturers TISP61089BDR-S Datasheet HTML 7Page - List of Unclassifed Manufacturers TISP61089BDR-S Datasheet HTML 8Page - List of Unclassifed Manufacturers TISP61089BDR-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
OCTOBER 2000 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP61089B High Voltage Ringing SLIC Protector
Recommended Operating Conditions
Electrical Characteristics, TJ = 25 °C (Unless Otherwise Noted)
Component
Min
Typ
Max
Unit
CG
TISP61089B gate decoupling capacitor
100
220
nF
RS
TISP61089B series resistor for GR-1089-CORE first-level surge survival
25
TISP61089B series resistor for GR-1089-CORE first-level and second-level surge survival
40
TISP61089B series resistor for GR-1089-CORE intra-building port surge survival
8
TISP61089B series resistor for K.20, K.21 and K.45 coordination with a 400 V primary
protector
10
Parameter
Test Conditions
Min
Typ
Max
Unit
ID
Off-state current
VD =VDRM, VGK =0
TJ = 25 °C-5
µA
TJ = 85 °C-50
µA
V(BO)
Breakover voltage2/10 µs, ITM =-100 A, di/dt = -80 A/µs, RS =50 Ω, VGG =-100 V
-112
V
VGK(BO)
Gate-cathode impulse
breakover voltage
2/10 µs, ITM =-100 A, di/dt = -80 A/µs, RS =50 Ω, VGG = -100 V,
(see Note 4)
12
V
VF
Forward voltage
IF =5 A, tw = 200 µs3
V
VFRM
Peak forward recovery
voltage
2/10 µs, IF = 100 A, di/dt = 80 A/µs, RS =50 Ω, (see Note 4)
10
V
IH
Holding current
I T =-1 A, di/dt = 1A/ms, VGG =-100 V
-150
mA
IGKS
Gate reverse current
VGG =VGK =VGKRM, VKA =0
TJ = 25 °C-5
µA
TJ = 85 °C-50
µA
IGT
Gate trigger current
IT =-3 A, tp(g) 20 µs, VGG =-100 V
5
mA
VGT
Gate-cathode trigger
voltage
IT =-3 A, tp(g) 20 µs, VGG =-100 V
2.5
V
CKA
Cathode-anode off-
state capacitance
f= 1 MHz, Vd =1V, IG =0, (see Note 5)
VD =-3 V
100
pF
VD =-48 V
50
pF
NOTES: 4. The diode forward recovery and the thyristor gate impulse breakover (overshoot) are not strongly dependent of the gate supply
voltage value (VGG).
5. These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The unmeasured
device terminals are a.c. connected to the guard terminal of the bridge.
Thermal Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
RθJA
Junction to free air thermal resistance
TA = 25 °C, EIA/JESD51-3 PCB, EIA/
JESD51-2 environment, PTOT = 1.7 W
120
°C/W


Similar Part No. - TISP61089BDR-S

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
TISP61089BDR SKYWORKS-TISP61089BDR Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
TISP61089BDR SKYWORKS-TISP61089BDR Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
TISP61089BDR SKYWORKS-TISP61089BDR Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
More results

Similar Description - TISP61089BDR-S

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
SPD51725QS WILLSEMI-SPD51725QS Datasheet
973Kb / 5P
   High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP6NTP2C BOURNS-TISP6NTP2C Datasheet
274Kb / 9P
   High Voltage Ringing SLIC Protector
logo
Will Semiconductor Ltd.
SPD61089 WILLSEMI-SPD61089 Datasheet
704Kb / 5P
   High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP61089B BOURNS-TISP61089B Datasheet
1Mb / 20P
   High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C_07 Datasheet
245Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
logo
HuaXinAn Electronics CO...
P61089B HUAXINAN-P61089B Datasheet
447Kb / 4P
   P61089B High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP6NTP2C BOURNS-TISP6NTP2C_08 Datasheet
474Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
logo
Agere Systems
L9500A AGERE-L9500A Datasheet
616Kb / 32P
   High-Voltage Ringing SLIC for VolP Applications
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com