Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC156 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TLC156
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TLC156 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TLC156 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLC156 Datasheet HTML 4Page - List of Unclassifed Manufacturers TLC156 Datasheet HTML 5Page - List of Unclassifed Manufacturers TLC156 Datasheet HTML 6Page - List of Unclassifed Manufacturers TLC156 Datasheet HTML 7Page - List of Unclassifed Manufacturers TLC156 Datasheet HTML 8Page - List of Unclassifed Manufacturers TLC156 Datasheet HTML 9Page - List of Unclassifed Manufacturers TLC156 Datasheet HTML 10Page - List of Unclassifed Manufacturers TLC156 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
2.0 FUNCTIONAL DESCRIPTIONS
2.1 Operational Registers
2.1.1 INDF (Indirect Addressing Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
00h (r/w)
INDF
Uses contents of FSR to address data memory (not a physical register)
The INDF Register is not a physical register. Any instruction accessing the INDF register can actually access the
register pointed by FSR Register. Reading the INDF register itself indirectly (FSR=”0”) will read 00h. Writing to the
INDF register indirectly results in a no-operation (although status bits may be affected).
The bits 5-0 of FSR register are used to select up to 64 registers (address: 00h ~ 3Fh).
In TLC157, the data memory is partitioned into four banks. Switching between these banks requires the RP1
and RP0 bits in the FSR register to be configured for the desired bank. The lower locations of each bank are
reserved for the Special Function Registers. Above the Special Function Registers are General Purpose Registers.
All Special Function Registers and some of General Purpose Registers from bank 0 are mirrored in other banks for
code reduction and quicker access.
Accessed
Bank
RP1:RP0
0
0 0
1
0 1
2
1 0
3
1 1
EXAMPLE 2.1: INDIRECT ADDRESSING
• Register file 38 contains the value 10h
• Register file 39 contains the value 0Ah
• Load the value 38 into the FSR Register
• A read of the INDF Register will return the value of 10h
• Increment the value of the FSR Register by one (@FSR=39h)
• A read of the INDR register now will return the value of 0Ah.
FIGURE 2.1: Direct/Indirect Addressing for TLC154/155/156
Direct Addressing
Indirect Addressing
5
from opcode
0
5 from FSR register 0
location select
00h
location select
addressing INDF register
3Fh
TLC
TLC156
Rev0.95 Nov 20, 2003
P.2/TLC156


Similar Part No. - TLC156

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1514 TI-TLC1514 Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514 Datasheet
594Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514 Datasheet
591Kb / 39P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514DW TI-TLC1514DW Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514ID TI-TLC1514ID Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results

Similar Description - TLC156

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com