Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP61089BD-S Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TISP61089BD-S
Description  TISP61089B High Voltage Ringing SLIC Protector
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TISP61089BD-S Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TISP61089BD-S Datasheet HTML 4Page - List of Unclassifed Manufacturers TISP61089BD-S Datasheet HTML 5Page - List of Unclassifed Manufacturers TISP61089BD-S Datasheet HTML 6Page - List of Unclassifed Manufacturers TISP61089BD-S Datasheet HTML 7Page - List of Unclassifed Manufacturers TISP61089BD-S Datasheet HTML 8Page - List of Unclassifed Manufacturers TISP61089BD-S Datasheet HTML 9Page - List of Unclassifed Manufacturers TISP61089BD-S Datasheet HTML 10Page - List of Unclassifed Manufacturers TISP61089BD-S Datasheet HTML 11Page - List of Unclassifed Manufacturers TISP61089BD-S Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
OCTOBER 2000 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP61089B High Voltage Ringing SLIC Protector
Gated Protectors (Continued)
SLICs have become more sophisticated. To minimize power consumption, some designs automatically adjust the driver supply voltage to a
value that is just sufficient to drive the required line current. For short lines, the supply voltage would be set low, but for long lines, a higher
supply voltage would be generated to drive sufficient line current. The optimum protection for this type of SLIC would be given by a protection
voltage which tracks the SLIC supply voltage. This can be achieved by connecting the protection thyristor gate to the SLIC VBATH supply,
Figure 6. This gated (programmable) protection arrangement minimizes the voltage stress on the SLIC, no matter what value of supply voltage.
Figure 6. TISP61089B Buffered Gate Protector (‘1089 Section 4.5.12 Testing)
R1
40
RING
WIRE
TIP
WIRE
SLIC
TISP61089B
V
BATH
C1
220 nF
AI6XCC
600 Ω
600 Ω
A.C.
GENERATOR
0 - 600 V r.m.s.
SWITCHING MODE
POWER SUPPLY
GENERATOR
SOURCE
RESISTANCE
I
G
I
SLIC
C2
D1
Tx
R2
40
V
BATL
I
BATH
Figure 7. Negative Overvoltage Condition
I
G
Th5
SLIC
SLIC
PROTECTOR
I
K
AI6XAHB
V
BATH
TISP
61089B
C1
220 nF
Figure 8. Positive Overvoltage Condition
Th5
SLIC
V
BATH
SLIC
PROTECTOR
TISP
61089B
C1
220 nF
I
F
AI6XAIB
Operation of Gated Protectors
Figure 7 and Figure 8 show how the TISP61089B limits negative and positive overvoltages. Positive overvoltages (Figure 8) are clipped by the
antiparallel diode of Th5 and the resulting current is diverted to ground. Negative overvoltages (Figure 7) are initially clipped close to the SLIC
negative supply rail value (VBATH). If sufficient current is available from the overvoltage, then Th5 will switch into a low voltage on-state
condition. As the overvoltage subsides the high holding current of Th5 prevents d.c. latchup. The protection voltage will be the sum of the gate
supply (VBATH) and the peak gate-cathode voltage (VGK(BO)). The protection voltage will be increased if there is a long connection between the
gate decoupling capacitor, C1, and the gate terminal. During the initial rise of a fast impulse, the gate current (IG) is the same as the cathode
current (IK). Rates of 80 A/µs can cause inductive voltages of 0.8 V in 2.5 cm of printed wiring track. To minimize this inductive voltage increase of


Similar Part No. - TISP61089BD-S

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
TISP61089BDR SKYWORKS-TISP61089BDR Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
TISP61089BDR SKYWORKS-TISP61089BDR Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
TISP61089BDR SKYWORKS-TISP61089BDR Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
More results

Similar Description - TISP61089BD-S

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
SPD51725QS WILLSEMI-SPD51725QS Datasheet
973Kb / 5P
   High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP6NTP2C BOURNS-TISP6NTP2C Datasheet
274Kb / 9P
   High Voltage Ringing SLIC Protector
logo
Will Semiconductor Ltd.
SPD61089 WILLSEMI-SPD61089 Datasheet
704Kb / 5P
   High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP61089B BOURNS-TISP61089B Datasheet
1Mb / 20P
   High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C_07 Datasheet
245Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
logo
HuaXinAn Electronics CO...
P61089B HUAXINAN-P61089B Datasheet
447Kb / 4P
   P61089B High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP6NTP2C BOURNS-TISP6NTP2C_08 Datasheet
474Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
logo
Agere Systems
L9500A AGERE-L9500A Datasheet
616Kb / 32P
   High-Voltage Ringing SLIC for VolP Applications
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com