Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5260BUR Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N5260BUR
Description  500 mW GLASS SURFACE MOUNT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5260BUR Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5260BUR Datasheet HTML 1Page - Microsemi Corporation 1N5260BUR Datasheet HTML 2Page - Microsemi Corporation 1N5260BUR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
500 mW GLASS SURFACE MOUNT
ZENER DIODES
S C O T T S DA L E D I V I SI ON
1N5221UR thru 1N5281BUR, e3
(or MLL5221 thru MLL5281B, e3)
DESCRIPTION
APPEARANCE
The 1N5221BUR thru 1N5281BUR series of 0.5 watt Zener Voltage
Regulators provides a surface mount equivalent to the popular JEDEC
registered 1N5221B to 1N5281B for 2.4 to 200 volts in standard 5%
tolerances as well as tighter tolerances identified by different suffix letters on
the part number. These are also available with an internal-metallurgical-
bond option by adding a “-1” suffix (see separate data sheet). Microsemi
also offers numerous other Zener products to meet higher and lower power
applications.
DO-213AA
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Surface mount equivalents to the JEDEC registered
1N5221 thru 1N5281B series
Hermetically sealed surface mount package
RoHS Compliant devices available by adding “e3” suffix
Internal metallurgical bond option available by adding a
“-1” suffix (see separate data sheet for same part
numbers with “-1” suffix)
DO-7 or DO-35 glass body axial-leaded Zener
equivalents also available per JEDEC registration (see
separate data sheet for part numbers 1N5221 thru
1N5281B series
Regulates voltage over a broad operating
current and temperature range
Selection from 2.4 to 200 V
Standard voltage tolerances are plus/minus 5%
with B suffix identification and 10 % with A suffix
Tight tolerances available in plus or minus 2%
or 1% with C or D suffix respectively
Nonsensitive to ESD per MIL-STD-750 Method 1020
Minimal capacitance (see Figure 3)
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Operating and Storage temperature: -65
ºC to +175ºC
Thermal Resistance: 150
ºC/W junction to end cap
and 300
ºC/W junction to ambient when mounted on
FR4 PC board (1 oz Cu) with recommended footprint
(see last page)
Steady-State Power: 0.5 watts at end cap
temperature TEC < 100
oC or ambient temperature TA
< 25
ºC when mounted on FR4 PC board as described
for thermal resistance above (see Figure 2 for
derating)
Forward voltage @200 mA: 1.1 volts (maximum)
Solder Temperatures: 260
ºC for 10 seconds (max)
CASE: Hermetically sealed glass DO-213AA
(SOD80 or MLL34) MELF style package
FINISH: End caps Tin-Lead or RoHS Compliant
annealed matte-Tin plating solderable per MIL-STD-
750, method 2026
POLARITY: Cathode indicated by band where
diode is to be operated with the banded end positive
with respect to the opposite end for Zener regulation
MARKING: cathode band only
TAPE & REEL option: Standard per EIA-481-B with
12 mm tape, 2000 per 7 inch reel or 5000 per 13
inch reel (add “TR” suffix to part number)
WEIGHT: 0.04 grams
See package dimensions on last page
Microsemi
Scottsdale Division
Page 1
Copyright
2005
8-29-2005 REV B
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - 1N5260BUR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5260BUR-1 MICROSEMI-1N5260BUR-1 Datasheet
405Kb / 6P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 500 mW ZENERS
Rev. 1
More results

Similar Description - 1N5260BUR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
1N4614UR-1 MICROSEMI-1N4614UR-1_V01 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
   500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N5248C MICROSEMI-1N5248C Datasheet
199Kb / 3P
   500 mW GLASS AXIAL-LEAD ZENER DIODES
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com